Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C114 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # C114
Description  1067 Resistance Decade Box
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

C114 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  C114 Datasheet HTML 1Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Time Electronics
1067 Resistance Decade Box
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
v2a
11/22
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.
Description
A precision resistance decade box suitable for a wide range of simulation work.
High accuracy, long term stability, and low temperature coefficient make the 1067
ideal for simulating and calibrating precision Pt100 sensors and temperature
indicators/meters that use resistive sensors.
Special care has been taken in the construction of the 1067 to ensure that the residual
end resistance is as low and as stable as possible. Multiple self-cleaning silver alloy
contacts are used for each position to ensure outstanding performance and long life.
Housed in a robust metal case the 1067 is fully screened and low thermal emf
terminals are used. The slimline design means it takes up minimum bench space
and is easily transportable.
Resistance is selected by dialling the value required using the rotary switches.
This enables precise setting with a clear unambiguous indication. Each decade is
scaled from 0 to 11 and therefore allows convenient overlap of the set values. The
maximum value settable is 12,222.21 ohms.
Specifications
Range / Resolution.............. 0 to 12 kΩ / 10 mΩ steps.
Number of decades............. 6, each decade settable from 0 to 11.
Accuracy .............................. ± 0.01 % of setting ± 2 mΩ, after deduction of residual
(At calibration temp of 22 °C)
............end resistance ± 1 mΩ for residual variation.
Residual resistance............. Less than 10 mΩ. Less than 1 mΩ variation.
Power rating......................... 0.35 watt per resistor.
Voltage Rating...................... 200 V DC at maximum resistance setting.
Stability................................. 20 ppm/year (> 1 Ω), 100 ppm/year (< 1 Ω).
Current rating....................... 10 mΩ range: 3 A / 100 mΩ range: 2 A / 1 Ω range: 600 mA
............................................... 10 Ω range: 200 mA / 100 Ω range: 60 mA / 1 kΩ range: 20 mA.
Insulation.............................. Case to resistance terminals 2 kV DC maximum.
Temperature coefficient ...... Less than 10 ppm/°C (> 1 Ω). Less than 20 ppm/°C (< 1 Ω).
Operating torque ................. Less than 0.1 Nm.
Contacts ............................... Make before break – silver alloy.
Dimensions / Weight ........... W 355 x H 63 x D 89 mm / 1.1 kg.
Ordering Information
1067................Precision Resistance Decade Box
C161................Traceable calibration certificate (Factory)
C114................Accredited calibration certificate (ISO 17025)
Features
• 10 mΩ to 12 kΩ
• 0.01 % accuracy
• Precision Pt100 simulation
• Low temperature coefficient
• In-line readout
• Excellent long term stability
• 6 digit resolution
• Fully screened


Similar Part No. - C114

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C114 KEMET-C114 Datasheet
580Kb / 40P
MILITARY SPECIFCATIONS ON BACK
C114 KEMET-C114 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
Time Electronics Ltd.
C114 TIME-ELECTRONICS-C114 Datasheet
194Kb / 1P
1049 PT100 Simulator
v1c 22/3/11
C114 TIME-ELECTRONICS-C114 Datasheet
580Kb / 1P
1041 Resistance Decade Box
11/22
C114 TIME-ELECTRONICS-C114 Datasheet
545Kb / 1P
1051 Resistance Decade Box
11/22
More results

Similar Description - C114

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380400 EXTECH-380400 Datasheet
162Kb / 1P
Resistance Decade Box
380405 EXTECH-380405 Datasheet
148Kb / 1P
Capacitance Decade Box
380500 EXTECH-380500 Datasheet
48Kb / 1P
Inductance Decade Box
logo
SparkFun Electronics
KIT-13006 SPARKFUN-KIT-13006 Datasheet
285Kb / 2P
SparkFun Decade Resistance Box
8/5/2016
logo
Analog Technologies, In...
ATCDB12 ANALOGTECHNOLOGIES-ATCDB12 Datasheet
202Kb / 2P
Adjustable Capacitor Decade Box
3/30/2021
ATRDB12 ANALOGTECHNOLOGIES-ATRDB12 Datasheet
285Kb / 4P
Resistance Decade Box
3/30/2021
logo
IET Labs Inc.
HRRS IET-HRRS Datasheet
214Kb / 2P
High-Resistance Decade Substituter
Dec 2015
PRS-300 IET-PRS-300 Datasheet
172Kb / 2P
Programmable Resistance Decade Substituter
Aug. 2017
PRS-330 IET-PRS-330 Datasheet
213Kb / 5P
Programmable Resistance Decade Substituter
Aug. 2018
RS925D IET-RS925D Datasheet
561Kb / 1P
(esi) Decade Resistance Substituter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com