Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUL06 Datasheet (PDF) - Optronics International

BUL06 Datasheet PDF - Optronics International
Part # BUL06
Download  BUL06 Download
File Size   189.41 Kbytes
Page   1 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description Smoke Lens 4" Round Sealed Back-Up Light

BUL06 Datasheet (PDF)

Go To PDF Page Download Datasheet
BUL06 Datasheet PDF - Optronics International

Part # BUL06
Download  BUL06 Click to download

File Size   189.41 Kbytes
Page   1 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description Smoke Lens 4" Round Sealed Back-Up Light

BUL06 Datasheet (HTML) - Optronics International


BUL06 Product details

Smoke lens pairs with black-out styling on vehicles and trailers
Certified for back-up light function when installed as pair in two-lamp system
Grommet mount design with 45 degree angled weathertight 3-pin connection
Sonically sealed, waterproof
Available in bulk and polypack packaging
Lifetime LED Warranty




Similar Part No. - BUL06

ManufacturerPart #DatasheetDescription
logo
Optronics International
BUL002 OPTRONICS-BUL002 Datasheet
182Kb / 1P
ONE LED 6" Oval DOT Back-Up Light
BUL002CB OPTRONICS-BUL002CB Datasheet
182Kb / 1P
ONE LED 6" Oval DOT Back-Up Light
BUL002CM3B OPTRONICS-BUL002CM3B Datasheet
182Kb / 1P
ONE LED 6" Oval DOT Back-Up Light
BUL003 OPTRONICS-BUL003 Datasheet
184Kb / 1P
ONE LED 4" Round DOT Back-Up Light
BUL003C1224B OPTRONICS-BUL003C1224B Datasheet
184Kb / 1P
ONE LED 4" Round DOT Back-Up Light
More results


Similar Description - BUL06

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L-00501DBK-S LIGITEK-L-00501DBK-S Datasheet
104Kb / 5P
LED BACK LIGHT (4 Inch)
L-00501DBK-S-LF LIGITEK-L-00501DBK-S-LF Datasheet
104Kb / 5P
LED BACK LIGHT (4 Inch)
L-00501HRF-S LIGITEK-L-00501HRF-S Datasheet
104Kb / 5P
LED BACK LIGHT (4 Inch)
L-00501VY-S LIGITEK-L-00501VY-S Datasheet
103Kb / 5P
LED BACK LIGHT (4 Inch)
logo
Dialight Corporation
46001CB DIALIGHT-46001CB Datasheet
127Kb / 2P
4' Round LED Back-up Lamps
logo
LUMEX INC.
LPF-C013301S LUMEX-LPF-C013301S Datasheet
48Kb / 1P
3 HIGH, RIGHT ANGLE LIGHT PIPE, 3mm ROUND LENS
LPF-C014301S LUMEX-LPF-C014301S Datasheet
53Kb / 1P
4 HIGH, RIGHT ANGLE LIGHT PIPE, 3mm ROUND LENS
logo
P-tec Corporation
PLBT3535R-WCNW P-TEC-PLBT3535R-WCNW Datasheet
730Kb / 8P
Round Lens SMD
logo
LIGITEK electronics co....
L-02401G-B5 LIGITEK-L-02401G-B5 Datasheet
226Kb / 1P
BACK LIGHT
L-02402G-B6.4 LIGITEK-L-02402G-B6.4 Datasheet
60Kb / 1P
BACK LIGHT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com