Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8613 Datasheet (PDF) - Time Electronics Ltd.

8613 Datasheet PDF - Time Electronics Ltd.
Part # 8613
Download  8613 Download
File Size   136.62 Kbytes
Page   1 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 9766 and 9767 Low Noise Attenuators (1000:1 and 100:1)

8613 Datasheet (PDF)

Go To PDF Page Download Datasheet
8613 Datasheet PDF - Time Electronics Ltd.

Part # 8613
Download  8613 Click to download

File Size   136.62 Kbytes
Page   1 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 9766 and 9767 Low Noise Attenuators (1000:1 and 100:1)

8613 Datasheet (HTML) - Time Electronics Ltd.


8613 Product details

Features
• Low noise passive resistance attenuators
• 0.05 % DC accuracy
• 1 Watt metal film resistors
• BNC quality connectors
• 50 ppm/°C temperature coefficient
• Heavy duty die cast case
• Two point fixing option




Similar Part No. - 8613

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8613 FILTRAN-8613 Datasheet
176Kb / 2P
Chokes Data Communication Circuits
logo
List of Unclassifed Man...
8613 ETC2-8613 Datasheet
320Kb / 1P
HOLE PLUGS and BUSHINGS
logo
API Technologies Corp
8613 APITECH-8613 Datasheet
1Mb / 2P
Data Communication Circuits
logo
Keystone Electronics Co...
8613 KEYSTONE-8613 Datasheet
313Kb / 1P
HOLE PLUGS & BUSHINGS
31-07 20th
logo
Molex Electronics Ltd.
86130-0500 MOLEX-86130-0500 Datasheet
144Kb / 4P
FDDI Connectors & Adapters
More results


Similar Description - 8613

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
HE741 BOWEI-HE741 Datasheet
82Kb / 1P
1-Bit Digital step Attenuators
logo
MOSA ELECTRONICS
MS6715L MOSA-MS6715L Datasheet
627Kb / 13P
Low Cost 1 Stereo Input and 1 Stereo Output
logo
Adels-Contact
1252G1 ADELS-1252G1 Datasheet
116Kb / 2P
1000/ 1 GW
125201 ADELS-125201 Datasheet
116Kb / 2P
1000/ 1
125221 ADELS-125221 Datasheet
143Kb / 2P
1000/ 1 HT
125301 ADELS-125301 Datasheet
116Kb / 2P
1000/ 1 DS
125301M ADELS-125301M Datasheet
116Kb / 2P
1000/ 1 MDS
125601 ADELS-125601 Datasheet
115Kb / 1P
1000 K/ 1
logo
Shanghai Leiditech Elec...
MZ-06A LEIDITECH-MZ-06A Datasheet
452Kb / 4P
1. Dimensions, Appearance Marking and Packaging 1-1 Dimensions and Appearance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com