Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8613 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 8613
Description  9766 and 9767 Low Noise Attenuators (1000:1 and 100:1)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

8613 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  8613 Datasheet HTML 1Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Time Electronics
9766 and 9767 Low Noise Attenuators (1000:1 and 100:1)
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
v3c
07/24
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.
Description
High quality low noise passive resistance 1000:1 and 100:1 attenuators
designed for general laboratory work.
The 9766 and 9767 have been designed to complement the 5018, 5025
and 5051 laboratory calibrators by allowing small AC or DC signals with
low noise to be processed from the 2 and 20 volt ranges.
The 9766 attenuator (1000:1 version) allows 10 kΩ input resistance. The
9767 (100:1 version) allows 1 kΩ input. Output resistance is 10 Ω for both.
Connection is made via BNC leads using 4 mm to BNC adaptors. These
are available as individual extras or come as standard with the 9796
premium test lead set for multifunction calibrators.
Both units are housed in a heavy duty die cast case for robustness, with
an air tight seal between the lid and the case body.
Specifications
Attenuation......................................................................... 9766 = 1000:1
............................................................................................... 9767 = 100:1
Input Resistance..................................................................9766 = 10 kΩ
.................................................................................................9767 = 1 kΩ
Accuracy .............................................................. DC: ±(0.05 % + 10 μV)
................................................................................ AC: ±(0.1 % + 30 μV)
Output Resistance............................................................................. 10 Ω
Maximum Voltage...................................................... 22 V DC or AC RMS
Power Rating........................................................................................ 1 W
Temperature Coefficient ..........................................................50 ppm/°C
Dimensions .................L 115 x H 52.5 x D 64 mm (height incl. BNC sockets)
Weight............................................................................................. 0.28 kg
Optional Extras ...................BNC/BNC lead 1 meter. BNC/4 mm adaptor
Ordering Information
9766 ..........................Low Noise Attenuator 1000:1
9767 ............................Low Noise Attenuator 100:1
8613 ...................................................BNC / BNC lead
6274 ........................................... BNC / 4 mm Adaptor
Features
• Low noise passive resistance attenuators
• 0.05 % DC accuracy
• 1 Watt metal film resistors
• BNC quality connectors
• 50 ppm/°C temperature coefficient
• Heavy duty die cast case
• Two point fixing option


Similar Part No. - 8613

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8613 FILTRAN-8613 Datasheet
176Kb / 2P
Chokes Data Communication Circuits
logo
List of Unclassifed Man...
8613 ETC2-8613 Datasheet
320Kb / 1P
HOLE PLUGS and BUSHINGS
logo
API Technologies Corp
8613 APITECH-8613 Datasheet
1Mb / 2P
Data Communication Circuits
logo
Keystone Electronics Co...
8613 KEYSTONE-8613 Datasheet
313Kb / 1P
HOLE PLUGS & BUSHINGS
31-07 20th
logo
Molex Electronics Ltd.
86130-0500 MOLEX-86130-0500 Datasheet
144Kb / 4P
FDDI Connectors & Adapters
More results

Similar Description - 8613

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
HE741 BOWEI-HE741 Datasheet
82Kb / 1P
1-Bit Digital step Attenuators
logo
MOSA ELECTRONICS
MS6715L MOSA-MS6715L Datasheet
627Kb / 13P
Low Cost 1 Stereo Input and 1 Stereo Output
logo
Adels-Contact
1252G1 ADELS-1252G1 Datasheet
116Kb / 2P
1000/ 1 GW
125201 ADELS-125201 Datasheet
116Kb / 2P
1000/ 1
125221 ADELS-125221 Datasheet
143Kb / 2P
1000/ 1 HT
125301 ADELS-125301 Datasheet
116Kb / 2P
1000/ 1 DS
125301M ADELS-125301M Datasheet
116Kb / 2P
1000/ 1 MDS
125601 ADELS-125601 Datasheet
115Kb / 1P
1000 K/ 1
logo
Shanghai Leiditech Elec...
MZ-06A LEIDITECH-MZ-06A Datasheet
452Kb / 4P
1. Dimensions, Appearance Marking and Packaging 1-1 Dimensions and Appearance
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com