Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9790 Datasheet (PDF) - Time Electronics Ltd.

9790 Datasheet PDF - Time Electronics Ltd.
Part # 9790
Download  9790 Download
File Size   285.56 Kbytes
Page   1 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 9790 100 A Current Transformer

9790 Datasheet (PDF)

Go To PDF Page Download Datasheet
9790 Datasheet PDF - Time Electronics Ltd.

Part # 9790
Download  9790 Click to download

File Size   285.56 Kbytes
Page   1 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 9790 100 A Current Transformer

9790 Datasheet (HTML) - Time Electronics Ltd.


9790 Product details

Features
• For use with the 5077 power calibrator
• Compatible with the 5025/5051 multifunction calibrators
• Robust clamp action 100 A terminals
• 20 A input terminal posts take 4 mm plugs, spade connectors, or bare wired ends
• Portable steel case with carry handle
• Fully potted transformer with heavy duty internal connection
• Primary and secondary phase connection clearly marked
• Durable grey paint finish




Similar Part No. - 9790

ManufacturerPart #DatasheetDescription
logo
Heyco.
9790 HEYCO-9790 Datasheet
142Kb / 1P
Heyco-Flex™ Zinc Die-Cast Liquid Tight Conduit Fittings
logo
Time Electronics Ltd.
9790 TIME-ELECTRONICS-9790 Datasheet
453Kb / 2P
5025 Multifunction Calibrator
v2d 27/5/11
9790 TIME-ELECTRONICS-9790 Datasheet
562Kb / 3P
5025C Series 2 Multifunction Calibrator
01/24
9790 TIME-ELECTRONICS-9790 Datasheet
697Kb / 3P
5025C Multifunction Calibrator
05/20
9790 TIME-ELECTRONICS-9790 Datasheet
515Kb / 3P
5025E Series 2 Multifunction Calibrator
01/24
More results


Similar Description - 9790

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
AC1100 TALEMA-AC1100 Datasheet
63Kb / 1P
100 Amp Current Transformer
logo
VACUUMSCHMELZE GmbH & C...
T60404-N4646-X111 VACUUMSCHMELZE-T60404-N4646-X111 Datasheet
107Kb / 5P
100 A Current Sensor
T60404-N4646-X100 VACUUMSCHMELZE-T60404-N4646-X100 Datasheet
104Kb / 5P
100 A Current Sensor
T60404-N4646-X413 VACUUMSCHMELZE-T60404-N4646-X413 Datasheet
122Kb / 5P
100 A Current Sensor
T60404-N4647-X261 VACUUMSCHMELZE-T60404-N4647-X261 Datasheet
217Kb / 3P
100 A Current Sensor
logo
WAGO Kontakttechnik Gmb...
855-301-100-201 WAGO-855-301-100-201 Datasheet
571Kb / 6P
Plug-in current transformer; Primary rated current: 100 A
855-305-100-201 WAGO-855-305-100-201 Datasheet
551Kb / 6P
Plug-in current transformer; Primary rated current: 100 A
855-3001-100-003 WAGO-855-3001-100-003 Datasheet
200Kb / 5P
Split-core current transformer; Primary rated current: 100 A
855-4001-100-001 WAGO-855-4001-100-001 Datasheet
214Kb / 5P
Split-core current transformer; Primary rated current: 100 A
logo
Weidmuller
2716690000 WEIDMULLER-2716690000 Datasheet
146Kb / 4P
Rated current : via current transformer 1 A/5 A
November 4, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com