Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9790 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 9790
Description  9790 100 A Current Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9790 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  9790 Datasheet HTML 1Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Time Electronics
9790 100 A Current Transformer
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
Description
The 9790 is a heavy duty current transformer mounted in a steel case. It is suitable
for use with Time Electronics 5025 and 5051 multifunction calibrators, as well as
the 5077 power calibrator. It extends the AC current capability to 100 A RMS.
The maximum compliance voltage is approximately 0.3 V at 100 A. In order to
achieve this, very low resistance connecting leads must be used. Connection is via
front mounted terminals.
Operation
To use the 9790 in testing applications the set up is straightforward but the
appropriate leads and and connectors must be used.
Connect the 20 A primary input terminals to the calibrator using suitable leads.
Leads and connectors must be of low resistance and suitable for 20 A,
recommended minimum wire size 4 mm2.
Connect the 100 A secondary output terminals to the load using suitable leads.
Leads and connectors must be of very low resistance and suitable for 100 A,
recommended wire size 16 mm2, with a maximum outer diameter of 9 mm.
Keep leads as short as possible. The total impedance of the secondary circuit at
50/60 Hz must be less than 3 mΩ for operation at 100 A.
Specifications
Current.....................................................................................100 A RMS maximum.
VA rating...........................................................................................30 VA Maximum.
Compliance............................. 0.3 V RMS at 100 A increasing to 0. 5 V rms at 20 A.
Operating frequency ........................................................................... 50/6 0Hz only.
Ratio error ..................................................... 5A to 50A 0.15 %. 50 A to 100A 0.2 %.
Note: The final accuracy must be calculated as the Calibrator specification plus the 9790 Ratio Error.
Phase error .......................... < 0.05° from 5 % to 120 % of full load current (100 A).
Classification .................................... Conforms to BS EN6004-1 class 0.1 at 50 Hz.
Dimensions .....................................................................W 317 x H 275 x D 177 mm
Weight...............................................................................................................9.2 kg.
Features
• For use with the 5077 power calibrator
• Compatible with the 5025/5051 multifunction calibrators
• Robust clamp action 100 A terminals
• 20 A input terminal posts take 4 mm plugs, spade
connectors, or bare wired ends
• Portable steel case with carry handle
• Fully potted transformer with heavy duty internal
connection
• Primary and secondary phase connection
clearly marked
• Durable grey paint finish
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.
v2b
07/22
Ordering Information
9790.......................................................100 A Current Transformer


Similar Part No. - 9790

ManufacturerPart #DatasheetDescription
logo
Heyco.
9790 HEYCO-9790 Datasheet
142Kb / 1P
Heyco-Flex™ Zinc Die-Cast Liquid Tight Conduit Fittings
logo
Time Electronics Ltd.
9790 TIME-ELECTRONICS-9790 Datasheet
453Kb / 2P
5025 Multifunction Calibrator
v2d 27/5/11
9790 TIME-ELECTRONICS-9790 Datasheet
562Kb / 3P
5025C Series 2 Multifunction Calibrator
01/24
9790 TIME-ELECTRONICS-9790 Datasheet
697Kb / 3P
5025C Multifunction Calibrator
05/20
9790 TIME-ELECTRONICS-9790 Datasheet
515Kb / 3P
5025E Series 2 Multifunction Calibrator
01/24
More results

Similar Description - 9790

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
AC1100 TALEMA-AC1100 Datasheet
63Kb / 1P
100 Amp Current Transformer
logo
VACUUMSCHMELZE GmbH & C...
T60404-N4646-X111 VACUUMSCHMELZE-T60404-N4646-X111 Datasheet
107Kb / 5P
100 A Current Sensor
T60404-N4646-X100 VACUUMSCHMELZE-T60404-N4646-X100 Datasheet
104Kb / 5P
100 A Current Sensor
T60404-N4646-X413 VACUUMSCHMELZE-T60404-N4646-X413 Datasheet
122Kb / 5P
100 A Current Sensor
T60404-N4647-X261 VACUUMSCHMELZE-T60404-N4647-X261 Datasheet
217Kb / 3P
100 A Current Sensor
logo
WAGO Kontakttechnik Gmb...
855-301-100-201 WAGO-855-301-100-201 Datasheet
571Kb / 6P
Plug-in current transformer; Primary rated current: 100 A
855-305-100-201 WAGO-855-305-100-201 Datasheet
551Kb / 6P
Plug-in current transformer; Primary rated current: 100 A
855-3001-100-003 WAGO-855-3001-100-003 Datasheet
200Kb / 5P
Split-core current transformer; Primary rated current: 100 A
855-4001-100-001 WAGO-855-4001-100-001 Datasheet
214Kb / 5P
Split-core current transformer; Primary rated current: 100 A
logo
Weidmuller
2716690000 WEIDMULLER-2716690000 Datasheet
146Kb / 4P
Rated current : via current transformer 1 A/5 A
November 4, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com