Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIG69300 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIG69300 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIG69300
Download  DIG69300 Download
File Size   1664.2 Kbytes
Page   12 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Step-Down Converter

DIG69300 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIG69300 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIG69300
Download  DIG69300 Click to download

File Size   1664.2 Kbytes
Page   12 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Step-Down Converter

DIG69300 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIG69300 Product details

Features
 Low RDS(ON) for internal switches (top/bottom)
63 mΩ/36 mΩ, 3.0 A
 4.5 ~ 24 V input voltage range
 High-efficiency synchronous mode
 Internal soft-start limits the inrush current
 Overcurrent protection
 Thermal shutdown
 Available in the TSOT23-6 package
Applications
 Portable navigation devices
 Set top boxes
 Portable TVs
 LCD TVs
Descriptions
The DIG69300 is a high-efficiency, high-frequency
synchronous step-down DC-DC regulator IC
capable of delivering up to 3 A output currents.
The DIG69300 operates over a wide input voltage
range from 4.5 V to 24 V and integrates with the
main switch and synchronous switch with very
low RDS(ON) to minimize the conduction loss.
The COT architecture with a pseudo-fixed
switching frequency operation provides a fast
transient response and eases loop stabilization.
The DIG69300 operates in pulse skip mode, which
maintains high efficiency during a
light load operation.
Protection features include over-current
protection and thermal shutdown.
The DIG69300 requires a minimal number of
readily-available, standard, external components
and is available in a space-saving TSOT23-6
package.




Similar Part No. - DIG69300

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIG69130 DIOO-DIG69130 Datasheet
1Mb / 11P
DIG69130 High-Efficiency 3 A, 24 V Input Synchronous Step-Down Converter
Rev 1.6
DIG69130TST6 DIOO-DIG69130TST6 Datasheet
1Mb / 11P
DIG69130 High-Efficiency 3 A, 24 V Input Synchronous Step-Down Converter
Rev 1.6
DIG69200 DIOO-DIG69200 Datasheet
1Mb / 11P
DIG69200 High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter
Rev 1.2
DIG69200TST6 DIOO-DIG69200TST6 Datasheet
1Mb / 11P
DIG69200 High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter
Rev 1.2
DIG69222 DIOO-DIG69222 Datasheet
1Mb / 13P
DIG69222 High-Efficiency 2 A Continuous, 2.5 A Peak,28 V Input Synchronous Step-Down Converter
Rev 1.1
More results


Similar Description - DIG69300

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16935 MAXIM-MAX16935 Datasheet
1Mb / 17P
Step-Down Converter
Rev 2; 3/14
logo
SG Micro Corp
SGM6130 SGMICRO-SGM6130 Datasheet
347Kb / 14P
Step-Down Converter
SGM6230 SGMICRO-SGM6230 Datasheet
349Kb / 14P
Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
Synchronous Step-Down Converter
TPS65000 TI1-TPS65000_15 Datasheet
2Mb / 40P
Step-Down Converter
logo
Exar Corporation
XRP6668 EXAR-XRP6668 Datasheet
614Kb / 11P
Step Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
Synchronous Step-Down Converter
RT6212A RICHTEK-RT6212A Datasheet
1Mb / 18P
Step-Down Converter
RT6212C RICHTEK-RT6212C Datasheet
848Kb / 16P
Step-Down Converter
logo
Bookly Micro electronic
BM1410A BOOKLY-BM1410A Datasheet
515Kb / 8P
Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com