Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1169 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO1169 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO1169
Download  DIO1169 Download
File Size   1266.78 Kbytes
Page   11 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Analog Switch

DIO1169 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO1169 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO1169
Download  DIO1169 Click to download

File Size   1266.78 Kbytes
Page   11 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Analog Switch

DIO1169 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO1169 Product details

 Features
 Super high bandwidth (-3 dB): 1.8 GHz
 VCC operation at 2.3 V to 5.5 V
 Low CON: 5 pF (typ.)
 Low RON: 5.5 Ω (typ.)
 Low power consumption: 1 μA (max.)
 Low ICCT : 0.5 μA (typ.) at VCNTRL = 1.8 V,
VCC = 3.6 V
 Operating temperature range: -40°C to 85°C
 Applications
 Mobile phone
 Portable equipment
 Computer
 Optical module
 Battery powered communications
 Description
The DIO1169 is a low power, 1.8 GHz high
bandwidth, single pole single throw analog switch,
which is designed to operate from a single 2.3 V to
5.5 V supply. The DIO1169 offers excellent -3dB
bandwidth and low ON resistance,which can be used
as analog switch in multiple application.
The DIO1169 is available in a green package:
DFN1*1-6.




Similar Part No. - DIO1169

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1166 DIOO-DIO1166 Datasheet
865Kb / 12P
Analog Switch
Rev 1.2
DIO1166SC5 DIOO-DIO1166SC5 Datasheet
865Kb / 12P
Analog Switch
Rev 1.2
More results


Similar Description - DIO1169

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
Analog Switch
November, 1999 ??Rev. 2
logo
Hitachi Semiconductor
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
Analog Switch
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
Analog switch
Rev.1.0 Sep.22.2003
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
Analog Switch
logo
Renesas Technology Corp
HD74LV1G66A RENESAS-HD74LV1G66A Datasheet
101Kb / 12P
Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
Analog Switch
HD74HCT1G66 RENESAS-HD74HCT1G66 Datasheet
99Kb / 9P
Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_15 Datasheet
153Kb / 11P
Analog Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com