Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1166SC5 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO1166SC5 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO1166SC5
Download  DIO1166SC5 Download
File Size   865.93 Kbytes
Page   12 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Analog Switch

DIO1166SC5 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO1166SC5 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO1166SC5
Download  DIO1166SC5 Click to download

File Size   865.93 Kbytes
Page   12 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Analog Switch

DIO1166SC5 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO1166SC5 Product details

Features
 Over-voltage tolerance (OVT) Features at
common port
 Low on capacitance: 18pF typical
 Low on resistance: 10Ω maximum
 Low power consumption: 1uA
Maximum 10uA maximum ICC over an
expanded voltage range
(Vin=2.7V, Vcc=4.3V)
 Wide -3dB Bandwidth: >300MHz
 Wide supply range: 1.65~5.5V
 Packaged: 5-Lead SC70
 8kV HBM ESD rating, 2kV CDM ESD rating
Applications
 Cell phones
 PDAs
 Portable instrumentation
 Battery powered communications
 Computer peripherals
Descriptions
This single analog switch is designed for 1.65V to
5.5V VCC operation.
The DIO1166 device can handle analog and digital
signals. The device permits bidirectional
transmission of signals with amplitudes of up to
5.5V(peak). It features power ON/OFF protection
on ports effectively protecting device against
external signal perturbation. It also offers
excellent -3db bandwidth and lower ON resistance,
which can be used as analog switch in multiple
applications.




Similar Part No. - DIO1166SC5

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1169 DIOO-DIO1169 Datasheet
1Mb / 11P
Analog Switch
Jul 2025
More results


Similar Description - DIO1166SC5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
Analog Switch
November, 1999 ??Rev. 2
logo
Hitachi Semiconductor
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
Analog Switch
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
Analog switch
Rev.1.0 Sep.22.2003
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
Analog Switch
logo
Renesas Technology Corp
HD74LV1G66A RENESAS-HD74LV1G66A Datasheet
101Kb / 12P
Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
Analog Switch
HD74HCT1G66 RENESAS-HD74HCT1G66 Datasheet
99Kb / 9P
Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_15 Datasheet
153Kb / 11P
Analog Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com