Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1166SC5 Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1166SC5
Description  Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1166SC5 Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1166SC5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1166SC5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1166SC5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1166SC5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1166SC5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1166SC5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1166SC5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1166SC5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO1166SC5 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DIO1166
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO1166• Rev. 1.2
Test Diagrams
Figure 2. On Resistance
Figure 3. Turn On/Off Time
Figure 4. Charge Injection
VGE
RL
CL
REGN
S
Vout
A/B
B/A
Vout
S
= 0/1
DIO1166
1M
1nF
△Vout
Q=△Vout * CL
50%
50%
90%
90%
Ton
Toff
S
Vout
Vsw
Iout
B/A
DIO1166
=1
A/B
S
Ron=Von/Iout
Von
30mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com