Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1166SC5 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1166SC5
Description  Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1166SC5 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1166SC5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1166SC5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1166SC5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1166SC5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1166SC5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1166SC5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1166SC5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1166SC5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1166SC5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DIO1166
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO1166• Rev. 1.2
AC Electrical Characteristics
All typical value are for Vcc = 3.3V at TA=25°C unless otherwise specified.
Symbol
Parameter
Conditions
Vcc(V)
Min
Typ
Max
Unit
TON
Turn-On time
See figure 3
B = 1.5V,RL = 50Ω, CL = 35pF
2.7--3.6
35
ns
B = 1.5V,RL = 50Ω, CL = 35pF
4.5--5.5
25
TOFF
Turn-Off Time
See figure 3
B = 1.5V,RL = 50Ω, CL = 35pF
2.7--3.6
30
ns
B = 1.5V,RL = 50Ω, CL = 35pF
4.5--5.5
20
Q
Charge injection
See figure 4
CL = 1nF, VGEN = 0V,RGEN = 0Ω
2.7--3.6
10
pC
4.5--5.5
20
OIRR
Off isolation
See figure 5
F = 1MHz, RL = 50Ω
2.7--3.6
-77
dB
4.5--5.5
-80
BW
-3dB bandwidth
See figure 6
RL = 50Ω
2.7--3.6
350
MHz
4.5--5.5
350
THD
Total harmon
distortion
See figure 7
RL = 600Ω, Vin = 0.5V
f = 20Hz to 20KHz
2.7--3.6
0.02
%
4.5--5.5
0.02
Capacitance
Parameter
Conditions
Min
Typ
Max
Unit
CIN
Control pin input capacitance
VCC=0V
1
pF
COFF
B port off capacitance (see figure 8)
Vcc=4.5V, f = 1MHz
5
CON
On capacitance (see figure 9)
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com