Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1717LP10 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO1717LP10 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO1717LP10
Download  DIO1717LP10 Download
File Size   1682.93 Kbytes
Page   11 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Audio Capability

DIO1717LP10 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO1717LP10 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO1717LP10
Download  DIO1717LP10 Click to download

File Size   1682.93 Kbytes
Page   11 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Audio Capability

DIO1717LP10 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO1717LP10 Product details

Features
 Voltage operation: 2.5 V to 5.5 V
 -2.0 V to V+ signal passing ability
 On-resistance: 2.8 Ω (TYP) at 4.5 V
 High bandwidth: 300 MHz
 Fast switching times:
○ tON = 1.8 μs
○ tOFF = 350 ns
 High off-isolation: -49 dB at 10 MHz
 Low crosstalk: -52 dB at 10 MHz
 Negative signal handling:
○ the lowest -2.0 V negative signal pass
 TTL/CMOS compatible
 Break-before-make switching
 Extended industrial temperature range:
-40°C to 105°C
Applications
 Cell phone and digital camera
 PDA and notebook
 LCD monitor
 TV and set-top box
Descriptions
The DIO1717 is a dual, bidirectional, single-pole/
double-throw (SPDT) CMOS analog switch
designed to operate from a single 2.5 V to 5.5 V
supply. It features high-bandwidth 300 MHz and
low on-resistance 2.8 Ω (TYP), the lowest -2.0 V
negative signal can pass switch.
The DIO1717 features guaranteed on-resistance
matching 0.05 Ω (TYP) between switches. This
ensures excellent linearity and low distortion
when switching audio signals.
The DIO1717 is a committed dual single-pole/
double-throw (SPDT) that consist of two normally
open (NO) and two normally close (NC) switches.
This configuration can be used as a dual 2-to-1
multiplexer.




Similar Part No. - DIO1717LP10

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO17170 DIOO-DIO17170 Datasheet
617Kb / 10P
383MHz Dual-SPDT Analog Switch with Negative Signal Handling Capability
Rev 1.1
DIO17170LP10 DIOO-DIO17170LP10 Datasheet
617Kb / 10P
383MHz Dual-SPDT Analog Switch with Negative Signal Handling Capability
Rev 1.1
More results


Similar Description - DIO1717LP10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA015 STMICROELECTRONICS-STA015 Datasheet
277Kb / 44P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
Feb-2000
STA016A STMICROELECTRONICS-STA016A Datasheet
268Kb / 43P
MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY
Jul-2004
logo
ON Semiconductor
NCP4896 ONSEMI-NCP4896 Datasheet
130Kb / 16P
1.0 Watt Audio Power Amplifier with Earpiece Driving Capability
March, 2005 ??Rev. 3
logo
Fairchild Semiconductor
FSA201_0704 FAIRCHILD-FSA201_0704 Datasheet
1Mb / 21P
USB2.0 Full-Speed and Audio Switches with Negative Signal Capability
logo
STMicroelectronics
STA015 STMICROELECTRONICS-STA015_04 Datasheet
720Kb / 55P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
Mar-2004
STA015 STMICROELECTRONICS-STA015_10 Datasheet
1Mb / 56P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
26-Apr-2010
logo
NXP Semiconductors
NX5L2750C PHILIPS-NX5L2750C_15 Datasheet
161Kb / 16P
Analog switch with negative swing audio capability
Rev. 2-7 May 2014
logo
ON Semiconductor
FSA321 ONSEMI-FSA321 Datasheet
552Kb / 14P
Audio Switches with Negative Signal Capability
March 2013 Rev 1.0.6
FSA806 ONSEMI-FSA806 Datasheet
601Kb / 14P
Audio Switch with Negative Signal Capability
July 2012 Rev. 1.0.1
logo
NXP Semiconductors
NX5L2750CGU NXP-NX5L2750CGU Datasheet
238Kb / 16P
Analog switch with negative swing audio capability
Rev.2.1-12February2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com