Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO17170LP10 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO17170LP10 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO17170LP10
Download  DIO17170LP10 Download
File Size   617.98 Kbytes
Page   10 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 383MHz Dual-SPDT Analog Switch with Negative Signal Handling Capability

DIO17170LP10 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO17170LP10 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO17170LP10
Download  DIO17170LP10 Click to download

File Size   617.98 Kbytes
Page   10 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 383MHz Dual-SPDT Analog Switch with Negative Signal Handling Capability

DIO17170LP10 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO17170LP10 Product details

Features
 Switch Type: SPDT(2X)
 Voltage Operation: 1.8V to 5.5V
 On-Resistance: 2Ω (TYP) at 4.2V
 High Bandwidth: 383MHz
 Fast Switching Times: tON 1.36μs
tOFF 60ns
 High Off-Isolation: -39dB at 10MHz
 Low Crosstalk: -43dB at 10MHz
 TTL/CMOS Compatible
 Negative signal handling:
the lowest (VCC)-5.5V negative signal pass
 All switch I/O ports are High Impedance
with no leakage current, when Vcc=0V
 Break-Before-Make Switching
 Extended Industrial Temperature Range:
-40°C to 85°C
Applications
 Cell Phone, and Digital Camera
 PDA , and Notebook
 LCD Monitor
 TV, and Set-Top Box'
Descriptions
The DIO17170 is a dual, bidirectional, single-pole/
double-throw (SPDT) CMOS analog switch
designed to operate from a single 1.8V to 5.5V
supply. It features high-bandwidth (383MHz) and
low on-resistance (2Ω TYP), the lowest (VCC)-5.5V
negative signal pass
DIO17170 features guaranteed on-resistance
matching (0.05Ω TYP) between switches. This
ensures excellent linearity and low distortion
when switching audio signals. DIO17170 consist
of two normally open (NO) and two normally close
(NC) switches. This configuration can be used as
a dual 2-to-1 multiplexer.




Similar Part No. - DIO17170LP10

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1717 DIOO-DIO1717 Datasheet
1Mb / 11P
Audio Capability
Rev 2.0
DIO1717LP10 DIOO-DIO1717LP10 Datasheet
1Mb / 11P
Audio Capability
Rev 2.0
DIO1717MP10 DIOO-DIO1717MP10 Datasheet
1Mb / 11P
Audio Capability
Rev 2.0
More results


Similar Description - DIO17170LP10

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54059 INTERSIL-ISL54059 Datasheet
392Kb / 14P
1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
December 19, 2008
ISL54059 INTERSIL-ISL54059_09 Datasheet
399Kb / 14P
1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
March 5, 2009
logo
Integrated Device Techn...
IDTHS221P10 IDT-IDTHS221P10 Datasheet
223Kb / 11P
HYBRID SWITCH WITH NEGATIVE SIGNAL HANDLING
logo
Vishay Siliconix
DG2750 VISHAY-DG2750 Datasheet
177Kb / 8P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
22-Mar-10
DG2750DN-T1-E4 VISHAY-DG2750DN-T1-E4 Datasheet
193Kb / 9P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
22-Mar-10
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750 Datasheet
152Kb / 8P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
September, 2013 ??Rev. 0
logo
Pericom Semiconductor C...
PI3A268C PERICOM-PI3A268C Datasheet
282Kb / 9P
Low-Voltage Dual-SPDT Analog Switch with Negative Swing Audio Capability
PI3A288 PERICOM-PI3A288 Datasheet
553Kb / 9P
Ultra-Low-THD Dual-SPDT Analog Switch with Negative Signal Handling Capability
logo
Texas Instruments
TS5A22364-Q1 TI1-TS5A22364-Q1_16 Datasheet
1Mb / 28P
0.65- Dual SPDT Analog Switch with Negative Signaling Capability
logo
Renesas Technology Corp
IDTHS231P16 RENESAS-IDTHS231P16 Datasheet
365Kb / 11P
HYBRID SWITCH WITH NEGATIVE SIGNAL HANDLING
2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com