Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO17170LP10 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO17170LP10
Description  383MHz Dual-SPDT Analog Switch with Negative Signal Handling Capability
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO17170LP10 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO17170LP10 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO17170LP10 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO17170LP10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO17170LP10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO17170LP10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO17170LP10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO17170LP10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO17170LP10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO17170LP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DIO17170
www.dioo.com
© 2020 DIOO MICROCIRCUITS CO., LTD
DIO17170• Rev. 1.1
Electrical Characteristics
(VCC = 2.5V to 5.5V, TA = 25
℃, unless otherwise noted.)
Symbol
Parameter
Conditions
Temp
Min.
Typ.
Max.
Unit
ANALOG SWITCH
RON
Switch On
Resistance
VCC = 4.2V, VNO or VNC = 1V,
ICOM = 10mA
25
℃
2
Ω
-40 to 85
℃
1.6
2.4
ΔRON
On resistance
matching between
channels
VCC = 4.2V, VNO or VNC = 1V,
ICOM = 10mA
25
℃
0.05
Ω
-40 to 85
℃
0.05
RFLAT(ON)
On resistance
flatness
VCC = 4.2V, 0V ≤ VNO or VNC ≤ VCC,
ICOM = 10mA
25
℃
0.52
0.6
Ω
INC(OFF),
INO(OFF)
Source off leakage
current
VCC = 3.6V, VNO or VNC = 0.3V, 3.3V,
VCOM = 3.3V, 0.3V
24
nA
INC(ON),
INO(ON),
ICOM(ON)
Channel ON
leakage current
VCC = 3.6V, VCOM = 0.3V, 3.3V,
VNO or VNC = 0.3V, 3.3V, or floating
24
nA
IOFF
Power off leakage
current
VCC = 0V, NO/NC floating, VCOM = 3V
12
nA
DIGITAL INPUT
VIH
Input voltage high
VCC = 5V
1.66
V
VCC = 4.2V
1.52
V
VCC = 3.6V
1.41
V
VIL
Input voltage low
VCC = 5V
0.83
V
VCC = 4.2V
0.76
V
VCC = 3.6V
0.71
V
ICC
Power Supply
Current
VCC = 4.2V, VIN = 0V or VCC
25
146
nA
ICCT
Increase in ICC
Input at 2.6V, VCC = 4.2V
1.5
4
µA
Input at 1.8V, VCC = 4.2V
4.3
8
µA
DYNAMIC CHARACTERISTICS
ton
Turn on time
VNO or VNC = 1.5V, VIH = 4.5V, VIL = 0V,
RL = 50Ω, CL = 35pF, VCC = 4.2V
1.36
µs
toff
Turn off time
VNO or VNC = 1.5V, VIH = 4.5V, VIL = 0V,
RL = 50Ω, CL = 35pF, VCC = 4.2V
60
ns
tBBM
Break before make
time
VNO1 or VNC1 = VNO2 or VNC2 = 1.5V,
RL = 50Ω, CL = 35pF, VCC = 4.2V
1.42
µs
BW
-3dB bandwidth
Signal = 0dBm, RL = 50Ω, CL = 5pF
383
MHz
THD
Total Harmonic
Distortion
VCC =3.6V,VNC/NO=2Vpp,
f=20Hz to 20kHz, RL=32Ω
0.17
%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com