Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO17170LP10 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO17170LP10
Description  383MHz Dual-SPDT Analog Switch with Negative Signal Handling Capability
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO17170LP10 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO17170LP10 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO17170LP10 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO17170LP10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO17170LP10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO17170LP10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO17170LP10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO17170LP10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO17170LP10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO17170LP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev 1.1
www.dioo.com
© 2020 DIOO MICROCIRCUITS CO., LTD
DIO17170• Rev. 1.1
DIO17170
2Ω, 383MHz Dual-SPDT Analog Switch with Negative Signal
Handling Capability
Features
Switch Type: SPDT(2X)
Voltage Operation: 1.8V to 5.5V
On-Resistance: 2Ω (TYP) at 4.2V
High Bandwidth: 383MHz
Fast Switching Times: tON 1.36µs
tOFF 60ns
High Off-Isolation: -39dB at 10MHz
Low Crosstalk: -43dB at 10MHz
TTL/CMOS Compatible
Negative signal handling:
the lowest (VCC)-5.5V negative signal pass
All switch I/O ports are High Impedance
with no leakage current, when Vcc=0V
Break-Before-Make Switching
Extended Industrial Temperature Range:
-40°C to 85°C
Applications
Cell Phone, and Digital Camera
PDA , and Notebook
LCD Monitor
TV, and Set-Top Box
Descriptions
The DIO17170 is a dual, bidirectional, single-pole/
double-throw
(SPDT)
CMOS
analog
switch
designed to operate from a single 1.8V to 5.5V
supply. It features high-bandwidth (383MHz) and
low on-resistance (2Ω TYP), the lowest (VCC)-5.5V
negative signal pass
DIO17170
features
guaranteed
on-resistance
matching (0.05Ω TYP) between switches. This
ensures excellent linearity and low distortion
when switching audio signals. DIO17170 consist
of two normally open (NO) and two normally close
(NC) switches. This configuration can be used as
a dual 2-to-1 multiplexer.
DIO17170 is available in DQFN-10 package
Block Diagram
2
1
3
4
5
8
9
6
7
NC2
NO1
NC1
V+
COM1
IN1
IN2
COM2
GND
NO2
10


Similar Part No. - DIO17170LP10

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1717 DIOO-DIO1717 Datasheet
1Mb / 11P
Audio Capability
Rev 2.0
DIO1717LP10 DIOO-DIO1717LP10 Datasheet
1Mb / 11P
Audio Capability
Rev 2.0
DIO1717MP10 DIOO-DIO1717MP10 Datasheet
1Mb / 11P
Audio Capability
Rev 2.0
More results

Similar Description - DIO17170LP10

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54059 INTERSIL-ISL54059 Datasheet
392Kb / 14P
1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
December 19, 2008
ISL54059 INTERSIL-ISL54059_09 Datasheet
399Kb / 14P
1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
March 5, 2009
logo
Integrated Device Techn...
IDTHS221P10 IDT-IDTHS221P10 Datasheet
223Kb / 11P
HYBRID SWITCH WITH NEGATIVE SIGNAL HANDLING
logo
Vishay Siliconix
DG2750 VISHAY-DG2750 Datasheet
177Kb / 8P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
22-Mar-10
DG2750DN-T1-E4 VISHAY-DG2750DN-T1-E4 Datasheet
193Kb / 9P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
22-Mar-10
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750 Datasheet
152Kb / 8P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
September, 2013 ??Rev. 0
logo
Pericom Semiconductor C...
PI3A268C PERICOM-PI3A268C Datasheet
282Kb / 9P
Low-Voltage Dual-SPDT Analog Switch with Negative Swing Audio Capability
PI3A288 PERICOM-PI3A288 Datasheet
553Kb / 9P
Ultra-Low-THD Dual-SPDT Analog Switch with Negative Signal Handling Capability
logo
Texas Instruments
TS5A22364-Q1 TI1-TS5A22364-Q1_16 Datasheet
1Mb / 28P
0.65- Dual SPDT Analog Switch with Negative Signaling Capability
logo
Renesas Technology Corp
IDTHS231P16 RENESAS-IDTHS231P16 Datasheet
365Kb / 11P
HYBRID SWITCH WITH NEGATIVE SIGNAL HANDLING
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com