Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO17170LP10 Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO17170LP10
Description  383MHz Dual-SPDT Analog Switch with Negative Signal Handling Capability
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO17170LP10 Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO17170LP10 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO17170LP10 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO17170LP10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO17170LP10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO17170LP10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO17170LP10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO17170LP10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO17170LP10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO17170LP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DIO17170
www.dioo.com
© 2020 DIOO MICROCIRCUITS CO., LTD
DIO17170• Rev. 1.1
Truth Table
LOGIC
NO
NC
0
OFF
ON
1
ON
OFF
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameter
Rating
Unit
Supply Voltage
(VCC)
-0.3 to 6
V
Switch I/O Voltage (NO, NC, COM Pins)
(VCC) - 7 to (VCC) + 0.3
V
Control Input Voltage (IN1, IN2 Pins)
-0.3 to (VCC)+ 0.3
V
Switch I/O Current
(Continuous)
±50
mA
Peak Switch Current (Pulsed at 1ms Duration,<10 Duty Circle)
±80
mA
Storage Temperature Range (TSTG)
-65 to 150
°C
Junction Temperature
150
°C
Lead Temperature Range
260
°C
ESD
HBM, I/O to GND, JEDEC: JESD22-A114
8000
V
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation to ensure optimal performance to
the datasheet specifications. DIOO does not recommend exceeding them or designing to Absolute Maximum Ratings.
Parameter
Rating
Unit
Supply Voltage
1.8 to 5.5
V
Control Input Voltage (IN1, IN2 Pins)
0 to VCC
V
Switch I/O Voltage (NO, NC, COM Pins)
(VCC) - 5.5 to VCC
V
Operating Temperature Range
-40 to 85
°C
Note: For 4.2V operation, SEL frequency (pins IN1 & IN2) should not exceed 100Hz and 50ns edge rate.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com