Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2352A-B Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO2352A-B Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO2352A-B
Download  DIO2352A-B Download
File Size   497.39 Kbytes
Page   10 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description High-Precision Amplifier

DIO2352A-B Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO2352A-B Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO2352A-B
Download  DIO2352A-B Click to download

File Size   497.39 Kbytes
Page   10 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description High-Precision Amplifier

DIO2352A-B Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO2352A-B Product details

Rail-to-Rail Input and Output
Low offset (VOS): ±13μV
Gain Error: ±1%
Input offset drift: 0.01μV/°C(Max)
Gain drift: 10ppm/°C(Max)
Gain Selection:
DIO2352A: 50V/V
DIO2352B: 100V/V
Wide supply range: 2.5V to 5.5V
Single Supply Operation
Quiescent Current: 730μA(Typ)
Available Packages: SOIC-8,TSSOP-8,DFN-8




Similar Part No. - DIO2352A-B

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO23157 DIOO-DIO23157 Datasheet
1Mb / 10P
Low on-resistance and Low Voltage SPDT Analog Switch
Rev 1.3
DIO23157MP10 DIOO-DIO23157MP10 Datasheet
1Mb / 10P
Low on-resistance and Low Voltage SPDT Analog Switch
Rev 1.3
DIO2388A-B DIOO-DIO2388A-B Datasheet
1Mb / 15P
Current Shunt Monitor
Rev 1.6
DIO2388ALP10 DIOO-DIO2388ALP10 Datasheet
1Mb / 15P
Current Shunt Monitor
Rev 1.6
DIO2388ASC6 DIOO-DIO2388ASC6 Datasheet
1Mb / 15P
Current Shunt Monitor
Rev 1.6
More results


Similar Description - DIO2352A-B

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM318 NJRC-NJM318 Datasheet
213Kb / 6P
PRECISION HIGH-SPEED OPERATIONAL AMPLIFIER
logo
Mitsumi Electronics, Co...
MM1278 MITSUMI-MM1278 Datasheet
62Kb / 3P
High Precision Operational Amplifier
logo
List of Unclassifed Man...
AM447 ETC-AM447 Datasheet
89Kb / 6P
High Precision Instrumentation Amplifier
logo
Analog Devices
AD8209 AD-AD8209 Datasheet
318Kb / 16P
High Voltage, Precision Difference Amplifier
REV. 0
logo
Texas Instruments
OPA2277-DIE TI1-OPA2277-DIE Datasheet
168Kb / 4P
HIGH-PRECISION OPERATIONAL AMPLIFIER
logo
MORNSUN Science& Techno...
TE5534N MORNSUN-TE5534N Datasheet
1Mb / 5P
ACTIVE HIGH PRECISION AMPLIFIER
T5230CP MORNSUN-T5230CP Datasheet
528Kb / 3P
ACTIVE HIGH PRECISION AMPLIFIER
logo
Analog Devices
OP-44 AD-OP-44_15 Datasheet
2Mb / 9P
HIGH SPEED PRECISION OPERATIONAL AMPLIFIER
10/87, Rev. B 1
logo
Texas Instruments
OPA4277-EP TI1-OPA4277-EP_16 Datasheet
972Kb / 23P
High Precision Operational Amplifier
OPA4277-SP TI1-OPA4277-SP Datasheet
357Kb / 21P
High-Precision Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com