Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO23157 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO23157 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO23157
Download  DIO23157 Download
File Size   1352.46 Kbytes
Page   10 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Low on-resistance and Low Voltage SPDT Analog Switch

DIO23157 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO23157 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO23157
Download  DIO23157 Click to download

File Size   1352.46 Kbytes
Page   10 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Low on-resistance and Low Voltage SPDT Analog Switch

DIO23157 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO23157 Product details

Features
 Over-Voltage tolerance (OVT)
 Voltage operation: 1.8V to 5.5V
 Low on resistance: 4.5Ω typ at 4.5VCC
 High Off-Isolation
 Low crosstalk
 Low leakage current
 Low power consumption
 Wide -3dB bandwidth: >300MHz
 Low distortion
 Package: MSOP-10
 8kV HBM; 1.5kV CDM ESD rating
Applications
 Cell phones
 PDAs and MP3s
 Portable instrumentation
 Battery powered communications
 Computer peripherals
Descriptions
DIO23157 is a dual, bidirectional,
single-pole/double-throw (SPDT) CMOS analog
switch, which is designed to operate from a
single 1.8V to 5.5V supply. It features
high-bandwidth (300MHz) and low on-resistance,
targeted applications for full speed USB and
audio switching.
DIO23157 features power ON/OFF protection
effectively protecting device against external
signal perturbation. It also offers excellent -3db
bandwidth and lower ON resistance, which can
be used as analog switch in multiple
applications.
It operates under wide VCC supply from 1.8V to
5.5V, consuming very low quiescent current even
when the voltage of IN pin is lower than VCC
supply. This new feature services the mobile
handset applications very well allowing for the
direct interface with baseband processor general
purpose I/Os with no need of level translator.




Similar Part No. - DIO23157

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO2352A-B DIOO-DIO2352A-B Datasheet
497Kb / 10P
High-Precision Amplifier
Rev 1.3
DIO2352AED8 DIOO-DIO2352AED8 Datasheet
497Kb / 10P
High-Precision Amplifier
Rev 1.3
DIO2352ASO8 DIOO-DIO2352ASO8 Datasheet
497Kb / 10P
High-Precision Amplifier
Rev 1.3
DIO2352ATP8 DIOO-DIO2352ATP8 Datasheet
497Kb / 10P
High-Precision Amplifier
Rev 1.3
DIO2352BED8 DIOO-DIO2352BED8 Datasheet
497Kb / 10P
High-Precision Amplifier
Rev 1.3
More results


Similar Description - DIO23157

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3001 SGMICRO-SGM3001 Datasheet
551Kb / 11P
Low ON-Resistance, Low Voltage, SPDT Analog Switch
SGM3003 SGMICRO-SGM3003 Datasheet
520Kb / 9P
Ultra Low ON-Resistance, Low Voltage, SPDT Analog Switch
SGM3005 SGMICRO-SGM3005 Datasheet
547Kb / 11P
Ultra Low ON-Resistance, Low Voltage, Dual, SPDT Analog Switch
logo
Intersil Corporation
ISL54053_0709 INTERSIL-ISL54053_0709 Datasheet
377Kb / 11P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
September 25, 2007
ISL54053 INTERSIL-ISL54053 Datasheet
445Kb / 12P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
October 19, 2009
logo
Will Semiconductor Ltd.
WAS4799Q WILLSEMI-WAS4799Q Datasheet
795Kb / 8P
Low On Resistance, Quad SPDT Analog Switch
WAS4723Q WILLSEMI-WAS4723Q Datasheet
558Kb / 9P
Low On Resistance, Dual SPDT Analog Switch
WAS4728Q WILLSEMI-WAS4728Q Datasheet
558Kb / 9P
Low On Resistance Dual SPDT Analog Switch
logo
AiT Semiconductor Inc.
A4714 AITSEMI-A4714 Datasheet
572Kb / 9P
DUAL SPDT ANALOG SWITCH ULTRA LOW ON-RESISTANCE LOW VOLTAGE
REV1.1
A4716 AITSEMI-A4716 Datasheet
590Kb / 10P
DUAL SPDT ANALOG SWITCH ULTRA LOW ON-RESISTANCE, LOW VOLTAGE
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com