Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANFP1023 Datasheet (PDF) - Infinite Electronics International, Inc.

LCANFP1023 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCANFP1023
Download  LCANFP1023 Download
File Size   584.26 Kbytes
Page   5 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 902 to 928 MHz, RFID Flat Panel Antenna, 1.5 dBi Gain RP TNC male, EVA Radome, RHCP

LCANFP1023 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCANFP1023 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCANFP1023
Download  LCANFP1023 Click to download

File Size   584.26 Kbytes
Page   5 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 902 to 928 MHz, RFID Flat Panel Antenna, 1.5 dBi Gain RP TNC male, EVA Radome, RHCP

LCANFP1023 Datasheet (HTML) - Infinite Electronics International, Inc.


LCANFP1023 Product details

Features
• High Performance Multi-tag read/write Capabilities
• Lightweight, Concealable Design
• Right Hand Circular Polarized
• 902 to 928 MHz Frequency Range
• 2 Meter Cable
• RP TNC Male Connector

Applications
• Radio Frequency Identification
• Inventory Management
• Access Control
• Data Collection
• Asset Tracking
• Livestock Management




Similar Part No. - LCANFP1023

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCANFP1020 L-COM-LCANFP1020 Datasheet
519Kb / 5P
2400 to 2500 MHz MHz, RFID Flat Panel Antenna, 18 dBi Gain N-Type female, ABS Radome, RHCP
11/08/22
LCANFP1021 L-COM-LCANFP1021 Datasheet
497Kb / 5P
902 to 928 MHz, RFID Flat Panel Antenna, 12 dBi Gain N-Type female, ABS Radome, RHCP
11/08/22
LCANFP1022 L-COM-LCANFP1022 Datasheet
554Kb / 5P
902 to 928 MHz, RFID Flat Panel Antenna, 0 dBi Gain RP TNC male, EVA Radome, RHCP
11/16/22
LCANFP1024 L-COM-LCANFP1024 Datasheet
587Kb / 5P
902 to 928 MHz, RFID Flat Panel Antenna, 3 dBi Gain RP TNC male, EVA Radome, RHCP
11/17/22
LCANFP1025 L-COM-LCANFP1025 Datasheet
570Kb / 5P
902 to 928 MHz, RFID Flat Panel Antenna, 5 dBi Gain RP TNC male, EVA Radome, RHCP
11/15/22
More results


Similar Description - LCANFP1023

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AND-C-108 MACOM-AND-C-108 Datasheet
95Kb / 2P
902-928 MHz Dipole Antenna
MAANAT0123 MACOM-MAANAT0123 Datasheet
441Kb / 2P
Slimline RFID Antenna - North America Dual Circular Polarized, 902-928 MHz
MAANAT0144 MACOM-MAANAT0144 Datasheet
380Kb / 2P
Single Element RFID Antenna - North America Circular Polarized, 902-928 MHz
logo
Pasternack Enterprises,...
PE51023 PASTERNACK-PE51023 Datasheet
143Kb / 1P
902-928 MHz DIRECTIONAL PANEL OUTDOOR ANTENNA, 9 dBI, VERTICAL POLARIZATION
PE51024 PASTERNACK-PE51024 Datasheet
646Kb / 2P
OUTDOOR ISM & RFID ANTENNA 8.5 dBi; RHCP
PE51027 PASTERNACK-PE51027 Datasheet
215Kb / 2P
MINI-MAGNETIC OMNIDIRECTIONAL ANTENNA, 902 TO 928 MHz
PE51028 PASTERNACK-PE51028 Datasheet
288Kb / 2P
902 TO 928 MHz OUTDOOR OMNIDIRECTIONAL ANTENNA
logo
List of Unclassifed Man...
WS-GAMEBALL-ANT ETC2-WS-GAMEBALL-ANT Datasheet
173Kb / 1P
902~928MHz 2dBi RFID Antenna
WS-RFIDANTS ETC2-WS-RFIDANTS Datasheet
244Kb / 1P
902~928MHz 2dBi RFID Antenna
logo
Pulse A Technitrol Comp...
RO8063 PULSE-RO8063 Datasheet
1Mb / 3P
Outdoor 3G Radome Omni 4 dBi Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com