Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANFP1025 Datasheet (PDF) - Infinite Electronics International, Inc.

LCANFP1025 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCANFP1025
Download  LCANFP1025 Download
File Size   570.97 Kbytes
Page   5 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 902 to 928 MHz, RFID Flat Panel Antenna, 5 dBi Gain RP TNC male, EVA Radome, RHCP

LCANFP1025 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCANFP1025 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCANFP1025
Download  LCANFP1025 Click to download

File Size   570.97 Kbytes
Page   5 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 902 to 928 MHz, RFID Flat Panel Antenna, 5 dBi Gain RP TNC male, EVA Radome, RHCP

LCANFP1025 Datasheet (HTML) - Infinite Electronics International, Inc.


LCANFP1025 Product details

Features
• High Performance Multi-tag read/write Capabilities
• Lightweight, Concealable Design
• Right Hand Circular Polarized
• 902 to 928 MHz Frequency Range
• 2 Meter Cable
• RP TNC Male Connector

Applications
• Radio Frequency Identification
• Inventory Management
• Access Control
• Data Collection
• Asset Tracking
• Livestock Management




Similar Part No. - LCANFP1025

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCANFP1020 L-COM-LCANFP1020 Datasheet
519Kb / 5P
2400 to 2500 MHz MHz, RFID Flat Panel Antenna, 18 dBi Gain N-Type female, ABS Radome, RHCP
11/08/22
LCANFP1021 L-COM-LCANFP1021 Datasheet
497Kb / 5P
902 to 928 MHz, RFID Flat Panel Antenna, 12 dBi Gain N-Type female, ABS Radome, RHCP
11/08/22
LCANFP1022 L-COM-LCANFP1022 Datasheet
554Kb / 5P
902 to 928 MHz, RFID Flat Panel Antenna, 0 dBi Gain RP TNC male, EVA Radome, RHCP
11/16/22
LCANFP1023 L-COM-LCANFP1023 Datasheet
584Kb / 5P
902 to 928 MHz, RFID Flat Panel Antenna, 1.5 dBi Gain RP TNC male, EVA Radome, RHCP
11/17/22
LCANFP1024 L-COM-LCANFP1024 Datasheet
587Kb / 5P
902 to 928 MHz, RFID Flat Panel Antenna, 3 dBi Gain RP TNC male, EVA Radome, RHCP
11/17/22
More results


Similar Description - LCANFP1025

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AND-C-108 MACOM-AND-C-108 Datasheet
95Kb / 2P
902-928 MHz Dipole Antenna
MAANAT0123 MACOM-MAANAT0123 Datasheet
441Kb / 2P
Slimline RFID Antenna - North America Dual Circular Polarized, 902-928 MHz
MAANAT0144 MACOM-MAANAT0144 Datasheet
380Kb / 2P
Single Element RFID Antenna - North America Circular Polarized, 902-928 MHz
logo
Pasternack Enterprises,...
PE51023 PASTERNACK-PE51023 Datasheet
143Kb / 1P
902-928 MHz DIRECTIONAL PANEL OUTDOOR ANTENNA, 9 dBI, VERTICAL POLARIZATION
PE51024 PASTERNACK-PE51024 Datasheet
646Kb / 2P
OUTDOOR ISM & RFID ANTENNA 8.5 dBi; RHCP
PE51027 PASTERNACK-PE51027 Datasheet
215Kb / 2P
MINI-MAGNETIC OMNIDIRECTIONAL ANTENNA, 902 TO 928 MHz
PE51028 PASTERNACK-PE51028 Datasheet
288Kb / 2P
902 TO 928 MHz OUTDOOR OMNIDIRECTIONAL ANTENNA
logo
List of Unclassifed Man...
WS-GAMEBALL-ANT ETC2-WS-GAMEBALL-ANT Datasheet
173Kb / 1P
902~928MHz 2dBi RFID Antenna
WS-RFIDANTS ETC2-WS-RFIDANTS Datasheet
244Kb / 1P
902~928MHz 2dBi RFID Antenna
logo
Pulse A Technitrol Comp...
RO8063 PULSE-RO8063 Datasheet
1Mb / 3P
Outdoor 3G Radome Omni 4 dBi Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com