Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59DR008E Datasheet (PDF) - STMicroelectronics

M59DR008E Datasheet PDF - STMicroelectronics
Part # M59DR008E
Download  M59DR008E Download
File Size   267.87 Kbytes
Page   37 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 Mbit 512Kb x16, Dual Bank, Page Low Voltage Flash Memory

M59DR008E Datasheet (PDF)

Go To PDF Page Download Datasheet
M59DR008E Datasheet PDF - STMicroelectronics

Part # M59DR008E
Download  M59DR008E Click to download

File Size   267.87 Kbytes
Page   37 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 Mbit 512Kb x16, Dual Bank, Page Low Voltage Flash Memory

M59DR008E Datasheet (HTML) - STMicroelectronics


M59DR008E Product details

DESCRIPTION
The M59DR008 is an 8 Mbit non-volatile Flash memory that may be erased electrically at block level and programmed in-system on a Word-by-Word basis using a 1.65V to 2.2V VDD supply for the circuitry. For Program and Erase operations the necessary high voltages are generated internally. The device supports asynchronous page mode from all the blocks of the memory array.

■ SUPPLY VOLTAGE
    – VDD = VDDQ = 1.65V to 2.2V: for Program, Erase and Read
    – VPP = 12V: optional Supply Voltage for fast Program and Erase
■ ASYNCHRONOUS PAGE MODE READ
    – Page Width: 4 words
    – Page Access: 35ns
    – Random Access: 100ns
■ PROGRAMMING TIME
    – 10µs by Word typical
    – Double Word Programming Option
■ MEMORY BLOCKS
    – Dual Bank Memory Array: 4 Mbit - 4 Mbit
    – Parameter Blocks (Top or Bottom location)
    – Main Blocks
■ DUAL BANK OPERATIONS
    – Read within one Bank while Program or Erase within the other
    – No delay between Read and Write operations
■ BLOCK PROTECTION/UNPROTECTION
    – All Blocks protected at Power Up
    – Any combination of Blocks can be protected
    – WP for Block Locking
■ COMMON FLASH INTERFACE (CFI)
■ 64 bit SECURITY CODE
■ ERASE SUSPEND and RESUME MODES
■ 100,000 PROGRAM/ERASE CYCLES per BLOCK
■ 20 YEARS DATA RETENTION
    – Defectivity below 1ppm/year
■ ELECTRONIC SIGNATURE
    – Manufacturer Code: 20h
    – Device Code, M59DR008E: A2h
    – Device Code, M59DR008F: A3h




Similar Part No. - M59DR008E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M59DR016 STMICROELECTRONICS-M59DR016 Datasheet
240Kb / 37P
16 Mbit 1Mb x16, Dual Bank, Page 1.8V Supply Flash Memory
Mar-2001
M59DR016-ZBT STMICROELECTRONICS-M59DR016-ZBT Datasheet
240Kb / 37P
16 Mbit 1Mb x16, Dual Bank, Page 1.8V Supply Flash Memory
Mar-2001
M59DR016C STMICROELECTRONICS-M59DR016C Datasheet
240Kb / 37P
16 Mbit 1Mb x16, Dual Bank, Page 1.8V Supply Flash Memory
Mar-2001
M59DR016C100ZB1T STMICROELECTRONICS-M59DR016C100ZB1T Datasheet
240Kb / 37P
16 Mbit 1Mb x16, Dual Bank, Page 1.8V Supply Flash Memory
Mar-2001
M59DR016C100ZB6T STMICROELECTRONICS-M59DR016C100ZB6T Datasheet
240Kb / 37P
16 Mbit 1Mb x16, Dual Bank, Page 1.8V Supply Flash Memory
Mar-2001
More results


Similar Description - M59DR008E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W800BT STMICROELECTRONICS-M28W800BT Datasheet
289Kb / 42P
8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
16-May-2002
M28W800CT STMICROELECTRONICS-M28W800CT Datasheet
369Kb / 49P
8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
16-May-2002
M36DR232A STMICROELECTRONICS-M36DR232A Datasheet
329Kb / 46P
32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 2 Mbit 128K x16 SRAM, Multiple Memory Product
19-Nov-2001
M36DR432A STMICROELECTRONICS-M36DR432A Datasheet
328Kb / 46P
32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
19-Nov-2001
M36DR432AD STMICROELECTRONICS-M36DR432AD Datasheet
834Kb / 52P
32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
28-Feb-2003
M36DR432C STMICROELECTRONICS-M36DR432C Datasheet
330Kb / 46P
32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
19-Nov-2001
M59DR016C STMICROELECTRONICS-M59DR016C Datasheet
240Kb / 37P
16 Mbit 1Mb x16, Dual Bank, Page 1.8V Supply Flash Memory
Mar-2001
M59DR032A STMICROELECTRONICS-M59DR032A Datasheet
270Kb / 38P
32 Mbit 2Mb x16, Dual Bank, Page Low Voltage Flash Memory
20-Oct-1999
logo
Silicon Storage Technol...
SST36VF1601C SST-SST36VF1601C Datasheet
422Kb / 34P
16 Mbit (x8/x16) Dual-Bank Flash Memory
logo
STMicroelectronics
M36W0R6030T0 STMICROELECTRONICS-M36W0R6030T0 Datasheet
448Kb / 26P
64 Mbit (4Mb x16, Multiple Bank, Burst) Flash Memory and 8 Mbit (512Kb x16) SRAM, Multi-Chip Package
10-Dec-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com