Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59DR016C Datasheet (PDF) - STMicroelectronics

M59DR016C Datasheet PDF - STMicroelectronics
Part # M59DR016C
Download  M59DR016C Download
File Size   240.77 Kbytes
Page   37 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 Mbit 1Mb x16, Dual Bank, Page 1.8V Supply Flash Memory

M59DR016C Datasheet (PDF)

Go To PDF Page Download Datasheet
M59DR016C Datasheet PDF - STMicroelectronics

Part # M59DR016C
Download  M59DR016C Click to download

File Size   240.77 Kbytes
Page   37 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 Mbit 1Mb x16, Dual Bank, Page 1.8V Supply Flash Memory

M59DR016C Datasheet (HTML) - STMicroelectronics


M59DR016C Product details

DESCRIPTION
The M59DR016 is a 16 Mbit non-volatile Flash memory that may be erased electrically at block level and programmed in-system on a Word-by-Word basis using a 1.65V to 2.2V VDD supply for the circuitry. For Program and Erase operations the necessary high voltages are generated internally. The device supports asynchronous page mode from all the blocks of the memory array.

■ SUPPLY VOLTAGE
    – VDD = VDDQ = 1.65V to 2.2V for Program, Erase and Read
    – VPP = 12V for fast Program (optional)
■ ASYNCHRONOUS PAGE MODE READ
    – Page Width: 4 words
    – Page Access: 35ns
    – Random Access: 100ns
■ PROGRAMMING TIME
    – 10µs by Word typical
    – Double Word Programming Option
■ MEMORY BLOCKS
    – Dual Bank Memory Array: 4 Mbit - 12 Mbit
    – Parameter Blocks (Top or Bottom location)
■ DUAL BANK OPERATIONS
    – Read within one Bank while Program or Erase within the other
    – No delay between Read and Write operations
■ BLOCK PROTECTION/UNPROTECTION
    – All Blocks protected at Power Up
    – Any combination of Blocks can be protected
■ COMMON FLASH INTERFACE (CFI)
■ 64 bit SECURITY CODE
■ ERASE SUSPEND and RESUME MODES
■ 100,000 PROGRAM/ERASE CYCLES per BLOCK
■ ELECTRONIC SIGNATURE
    – Manufacturer Code: 20h
    – Top Device Code, M59DR016C: 2293h
    – Bottom Device Code, M59DR016D: 2294h




Similar Part No. - M59DR016C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M59DR008 STMICROELECTRONICS-M59DR008 Datasheet
267Kb / 37P
8 Mbit 512Kb x16, Dual Bank, Page Low Voltage Flash Memory
20-Oct-1999
M59DR008E STMICROELECTRONICS-M59DR008E Datasheet
267Kb / 37P
8 Mbit 512Kb x16, Dual Bank, Page Low Voltage Flash Memory
20-Oct-1999
M59DR008E100N1T STMICROELECTRONICS-M59DR008E100N1T Datasheet
267Kb / 37P
8 Mbit 512Kb x16, Dual Bank, Page Low Voltage Flash Memory
20-Oct-1999
M59DR008E100N6T STMICROELECTRONICS-M59DR008E100N6T Datasheet
267Kb / 37P
8 Mbit 512Kb x16, Dual Bank, Page Low Voltage Flash Memory
20-Oct-1999
M59DR008E100ZB1T STMICROELECTRONICS-M59DR008E100ZB1T Datasheet
267Kb / 37P
8 Mbit 512Kb x16, Dual Bank, Page Low Voltage Flash Memory
20-Oct-1999
More results


Similar Description - M59DR016C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W160BT STMICROELECTRONICS-M28W160BT Datasheet
337Kb / 45P
16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
16-May-2002
M58MR016C STMICROELECTRONICS-M58MR016C Datasheet
389Kb / 51P
16 Mbit 1Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
01-Aug-2002
M28W160CT STMICROELECTRONICS-M28W160CT Datasheet
1,022Kb / 50P
16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
20-Jan-2006
M28W160ECT STMICROELECTRONICS-M28W160ECT Datasheet
860Kb / 50P
16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
16-Nov-2004
M36D0R6040T0 STMICROELECTRONICS-M36D0R6040T0 Datasheet
329Kb / 18P
64 Mbit (4Mb x16, Multiple Bank, Page) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package
07-Dec-2003
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
08-Oct-2004
M59DR032EA STMICROELECTRONICS-M59DR032EA Datasheet
386Kb / 43P
32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
22-Apr-2003
logo
Silicon Storage Technol...
SST36VF1601C SST-SST36VF1601C Datasheet
422Kb / 34P
16 Mbit (x8/x16) Dual-Bank Flash Memory
logo
Numonyx B.V
M28W160CT NUMONYX-M28W160CT Datasheet
1Mb / 50P
16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160ECT NUMONYX-M28W160ECT Datasheet
1Mb / 50P
16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com