Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59DR016C Datasheet(PDF) 4 Page - STMicroelectronics

Part # M59DR016C
Description  16 Mbit 1Mb x16, Dual Bank, Page 1.8V Supply Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR016C Datasheet(HTML) 4 Page - STMicroelectronics

  M59DR016C Datasheet HTML 1Page - STMicroelectronics M59DR016C Datasheet HTML 2Page - STMicroelectronics M59DR016C Datasheet HTML 3Page - STMicroelectronics M59DR016C Datasheet HTML 4Page - STMicroelectronics M59DR016C Datasheet HTML 5Page - STMicroelectronics M59DR016C Datasheet HTML 6Page - STMicroelectronics M59DR016C Datasheet HTML 7Page - STMicroelectronics M59DR016C Datasheet HTML 8Page - STMicroelectronics M59DR016C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
M59DR016C, M59DR016D
4/37
Table 3. Bank A, Top Boot Block Addresses
M59DR016C
Table 4. Bank B, Top Boot Block Addresses
M59DR016C
#
Size
(KWord)
Address Range
14
4
0FF000h-0FFFFFh
13
4
0FE000h-0FEFFFh
12
4
0FD000h-0FDFFFh
11
4
0FC000h-0FCFFFh
10
4
0FB000h-0FBFFFh
9
4
0FA000h-0FAFFFh
8
4
0F9000h-0F9FFFh
7
4
0F8000h-0F8FFFh
6
32
0F0000h-0F7FFFh
5
32
0E8000h-0EFFFFh
4
32
0E0000h-0E7FFFh
3
32
0D8000h-0DFFFFh
2
32
0D0000h-0D7FFFh
1
32
0C8000h-0CFFFFh
0
32
0C0000h-0C7FFFh
#
Size
(KWord)
Address Range
23
32
0B8000h-0BFFFFh
22
32
0B0000h-0B7FFFh
21
32
0A8000h-0AFFFFh
20
32
0A0000h-0A7FFFh
19
32
098000h-09FFFFh
18
32
090000h-097FFFh
17
32
088000h-08FFFFh
16
32
080000h-087FFFh
15
32
078000h-07FFFFh
14
32
070000h-077FFFh
13
32
068000h-06FFFFh
12
32
060000h-067FFFh
11
32
058000h-05FFFFh
10
32
050000h-057FFFh
9
32
048000h-04FFFFh
8
32
040000h-047FFFh
7
32
038000h-03FFFFh
6
32
030000h-037FFFh
5
32
028000h-02FFFFh
4
32
020000h-027FFFh
3
32
018000h-01FFFFh
2
32
010000h-017FFFh
1
32
008000h-00FFFFh
0
32
000000h-007FFFh
Table 5. Bank B, Bottom Boot Block Addresses
M59DR016D
Table 6. Bank A, Bottom Boot Block Addresses
M59DR016D
#
Size
(KWord)
Address Range
23
32
0F8000h-0FFFFFh
22
32
0F0000h-0F7FFFh
21
32
0E8000h-0EFFFFh
20
32
0E0000h-0E7FFFh
19
32
0D8000h-0DFFFFh
18
32
0D0000h-0D7FFFh
17
32
0C8000h-0CFFFFh
16
32
0C0000h-0C7FFFh
15
32
0B8000h-0BFFFFh
14
32
0B0000h-0B7FFFh
13
32
0A8000h-0AFFFFh
12
32
0A0000h-0A7FFFh
11
32
098000h-09FFFFh
10
32
090000h-097FFFh
9
32
088000h-08FFFFh
8
32
080000h-087FFFh
7
32
078000h-07FFFFh
6
32
070000h-077FFFh
5
32
068000h-06FFFFh
4
32
060000h-067FFFh
3
32
058000h-05FFFFh
2
32
050000h-057FFFh
1
32
048000h-04FFFFh
0
32
040000h-047FFFh
#
Size
(KWord)
Address Range
14
32
038000h-03FFFFh
13
32
030000h-037FFFh
12
32
028000h-02FFFFh
11
32
020000h-027FFFh
10
32
018000h-01FFFFh
9
32
010000h-017FFFh
8
32
008000h-00FFFFh
7
4
007000h-007FFFh
6
4
006000h-006FFFh
5
4
005000h-005FFFh
4
4
004000h-004FFFh
3
4
003000h-003FFFh
2
4
002000h-002FFFh
1
4
001000h-001FFFh
0
4
000000h-000FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com