Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59DR016C Datasheet(PDF) 20 Page - STMicroelectronics

Part # M59DR016C
Description  16 Mbit 1Mb x16, Dual Bank, Page 1.8V Supply Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR016C Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M59DR016C Datasheet HTML 16Page - STMicroelectronics M59DR016C Datasheet HTML 17Page - STMicroelectronics M59DR016C Datasheet HTML 18Page - STMicroelectronics M59DR016C Datasheet HTML 19Page - STMicroelectronics M59DR016C Datasheet HTML 20Page - STMicroelectronics M59DR016C Datasheet HTML 21Page - STMicroelectronics M59DR016C Datasheet HTML 22Page - STMicroelectronics M59DR016C Datasheet HTML 23Page - STMicroelectronics M59DR016C Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
M59DR016C, M59DR016D
20/37
Table 24. DC Characteristics
(TA = 0 to 70°C or –40 to 85°C; VDD = VDDQ = 1.65V to 2.2V)
Note: 1. Sampled only, not 100% tested.
2. VPP may be connected to 12V power supply for a total of less than 100 hrs.
3. For standard program/erase operation VPP is don’t care.
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VDD
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VDD
±5
µA
ICC1
Supply Current
(Read Mode)
E = VIL, G = VIH, f = 6MHz
10
20
mA
ICC2
Supply Current
(Power Down)
RP = VSS ± 0.2V
210
µA
ICC3
Supply Current (Standby)
E = VDD ± 0.2V
15
50
µA
ICC4
(1)
Supply Current
(Program or Erase)
Word Program, Block Erase
in progress
10
20
mA
ICC5
(1)
Supply Current
(Dual Bank)
Program/Erase in progress
in one Bank, Read in the
other Bank
20
40
mA
IPP1
VPP Supply Current
(Program or Erase)
VPP = 12V ± 0.6V
510
mA
IPP2
VPP Supply Current
(Standby or Read)
VPP ≤ VCC
0.2
5
µA
VPP = 12V ± 0.6V
100
400
µA
VIL
Input Low Voltage
–0.5
0.4
V
VIH
Input High Voltage
VDDQ –0.4
VDDQ + 0.4
V
VOL
Output Low Voltage
IOL = 100µA
0.1
V
VOH
Output High Voltage
CMOS
IOH = –100µA
VDDQ –0.1
V
VPP
(2,3)
VPP Supply Voltage
(Program or Erase)
–0.4
VDD + 0.4
V
Double Word Program
11.4
12.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com