Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO3157E Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO3157E Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO3157E
Download  DIO3157E Download
File Size   922.97 Kbytes
Page   10 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Analog Switch

DIO3157E Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO3157E Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO3157E
Download  DIO3157E Click to download

File Size   922.97 Kbytes
Page   10 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Analog Switch

DIO3157E Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO3157E Product details

Features
 Low on capacitance: 30 pF (typical)
 Low on resistance: 6 Ω (maximum) at 4.5 V
 Low power consumption:
Maximum 1 μA ICC over an expanded voltage
range
 Wide -3 dB bandwidth: 230 MHz
 Wide supply range: 1.65 ~ 5.5 V
 Packaged in: 6-lead SC70 and SOT23
 ±8 kV HBM ESD rating, ±2 kV CDM ESD rating
Applications
 Cell phones
 PDAs
 Portable instrumentation
 Battery powered communications
 Computer peripherals
Descriptions
The DIO3157E is an enhanced single-pole
double-throw (SPDT) CMOS analog switch. It
features power ON/OFF protection on common
ports effectively protecting device against
external signal perturbation. It also offers
excellent -3 dB bandwidth and lower ON
resistance, which can be used as analog
switch in multiple applications.
The DIO3157E operates under wide VCC supply
from 1.65 V to 5.5 V, consuming very low
quiescent current even when the voltage of S
pin is lower than VCC supply. This new feature
services the mobile handset applications very
well allowing for the direct interface with
baseband processor general purpose I/Os with
no need of level translator.




Similar Part No. - DIO3157E

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO31308 DIOO-DIO31308 Datasheet
2Mb / 24P
8:1, 1-Channel Multiplexers with Injection Current Control
Version 1.1, Mar 2026
DIO31308CT16 DIOO-DIO31308CT16 Datasheet
2Mb / 24P
8:1, 1-Channel Multiplexers with Injection Current Control
Version 1.1, Mar 2026
DIO31308PN16 DIOO-DIO31308PN16 Datasheet
2Mb / 24P
8:1, 1-Channel Multiplexers with Injection Current Control
Version 1.1, Mar 2026
DIO3166 DIOO-DIO3166 Datasheet
1Mb / 10P
Analog Switch
Rev 1.4
DIO3166SC5 DIOO-DIO3166SC5 Datasheet
1Mb / 10P
Analog Switch
Rev 1.4
More results


Similar Description - DIO3157E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
Analog Switch
November, 1999 ??Rev. 2
logo
Hitachi Semiconductor
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
Analog Switch
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
Analog switch
Rev.1.0 Sep.22.2003
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
Analog Switch
logo
Renesas Technology Corp
HD74LV1G66A RENESAS-HD74LV1G66A Datasheet
101Kb / 12P
Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
Analog Switch
HD74HCT1G66 RENESAS-HD74HCT1G66 Datasheet
99Kb / 9P
Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_15 Datasheet
153Kb / 11P
Analog Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com