Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO31308 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO31308 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO31308
Download  DIO31308 Download
File Size   2331.77 Kbytes
Page   24 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 8:1, 1-Channel Multiplexers with Injection Current Control

DIO31308 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO31308 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO31308
Download  DIO31308 Click to download

File Size   2331.77 Kbytes
Page   24 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 8:1, 1-Channel Multiplexers with Injection Current Control

DIO31308 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO31308 Product details

 Features
 Wide supply range: 1.62 V to 5.5 V
 Injection current control
 Fail-safe logic
 Break-before-make switching
 Bidirectional signal path
 Rail to rail operation
 Back-powering protection
 1.8 V logic compatible
 Low power consumption
 Wide -3 dB bandwidth: 500 MHz
 Applications
 Industry control systems
 Solar inverter
 Battery management systems (BMS)
 Motor control
 Instruments
 Description
The DIO31308 is a general-purpose CMOS analog
switch. The device supports bidirectional analog and
digital signals on the source and drain pins ranging
from GND to VCC. The DIO31308 device has an
internal injection current control feature that allows
signals on disabled signal paths to exceed the supply
voltage without affecting the signal of the enabled
signal path.
Additionally, the DIO31308 device does not have an
internal diode path to the supply pin, which eliminates
the risk of damaging components connected to the
supply pin or providing unintended power to the
supply rail. All logic inputs have 1.8 V logic
compatible thresholds, ensuring both TTL and CMOS
logic compatibility when operating with a valid supply
voltage. Fail-safe logic circuitry allows voltages on the
control pins to be applied before the supply pin,
protecting the device from potential damage.
The DIO31308 is available in TSSOP-16 and QFN-16
package. It is specified over ambient temperature
range of -40°C to 125°C, which meets the
requirements of applications.




Similar Part No. - DIO31308

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO3157E DIOO-DIO3157E Datasheet
922Kb / 10P
Analog Switch
Rev 1.5
DIO3157ESC6 DIOO-DIO3157ESC6 Datasheet
922Kb / 10P
Analog Switch
Rev 1.5
DIO3157EST6 DIOO-DIO3157EST6 Datasheet
922Kb / 10P
Analog Switch
Rev 1.5
DIO3166 DIOO-DIO3166 Datasheet
1Mb / 10P
Analog Switch
Rev 1.4
DIO3166SC5 DIOO-DIO3166SC5 Datasheet
1Mb / 10P
Analog Switch
Rev 1.4
More results


Similar Description - DIO31308

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4851A ONSEMI-MC74HC4851A Datasheet
294Kb / 12P
Analog Multiplexers/Demultiplexers with Injection Current Effect Control
March, 2000 ??Rev. 4
MC74HC4851A ONSEMI-MC74HC4851A_05 Datasheet
207Kb / 14P
Analog Multiplexers/Demultiplexers with Injection Current Effect Control
June, 2005 ??Rev. 6
MC74HC4851A ONSEMI-MC74HC4851A_11 Datasheet
230Kb / 15P
Analog Multiplexers/Demultiplexers with Injection Current Effect Control
May, 2011 ??Rev. 9
logo
Texas Instruments
TMUX1308-Q1 TI1-TMUX1308-Q1 Datasheet
1Mb / 36P
TMUX13xx-Q1 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308 TI1-TMUX1308 Datasheet
1Mb / 37P
TMUX130x 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308-Q1 TI1-TMUX1308-Q1_V01 Datasheet
1Mb / 43P
TMUX130x-Q1 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308 TI-TMUX1308_V01 Datasheet
2Mb / 42P
TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308-Q1 TI-TMUX1308-Q1_V02 Datasheet
2Mb / 43P
TMUX13xx-Q1 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308 TI-TMUX1308_V02 Datasheet
2Mb / 42P
TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308-Q1 TI-TMUX1308-Q1_V03 Datasheet
2Mb / 43P
TMUX13xx-Q1 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com