Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO3749 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO3749 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO3749
Download  DIO3749 Download
File Size   1232.41 Kbytes
Page   12 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Logic Compliance

DIO3749 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO3749 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO3749
Download  DIO3749 Click to download

File Size   1232.41 Kbytes
Page   12 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Logic Compliance

DIO3749 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO3749 Product details

 Features
 Super high bandwidth (-3dB): 2.0 GHz
 VCC operation at 1.62 V to 5.5 V
 Source off state leakage:350 pA (max)
 VIH (min): 0.77 V; VIL (max): 0.4 V
 Low RON: 6 Ω (typ.) at 3.3 V
 Low power consumption: 1 μA (max.)
 Power-off/on protection on common ports
 Applications
 Telecom equipment
 Automotive cluster displays
 Front and rear cameras
 Description
The DIO3749 is a low-power, SPDT high-speed
analog switch. It handles bidirectional signal flow
optimized for switching a high-speed source and
features super low off state leakage.
The DIO3749 has a high channel-to-channel noise
isolation and allows bit-to-bit skew which allows it to
pass high-speed differential signals with good signal
integrity. The low leakage current is also suitable for
TIA (Trans-impedance Amplifier) in telecom sets.
The DIO3749 contains special circuitry on the D pin,
which can tolerate up to 5.5 V when the signal level is
higher than 5 V.
The DIO3749 is available in a Green package:
SC70-6.




Similar Part No. - DIO3749

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO3712 DIOO-DIO3712 Datasheet
790Kb / 10P
Analog switch
Rev 1.3
DIO3712LP10 DIOO-DIO3712LP10 Datasheet
790Kb / 10P
Analog switch
Rev 1.3
DIO3712MP10 DIOO-DIO3712MP10 Datasheet
790Kb / 10P
Analog switch
Rev 1.3
DIO3713 DIOO-DIO3713 Datasheet
764Kb / 9P
Analog switch
Rev 1.1
DIO3713LP10 DIOO-DIO3713LP10 Datasheet
764Kb / 9P
Analog switch
Rev 1.1
More results


Similar Description - DIO3749

ManufacturerPart #DatasheetDescription
logo
Surge Components
MGK SURGE-MGK Datasheet
1Mb / 3P
rohs compliance
OCV SURGE-OCV Datasheet
1Mb / 3P
rohs compliance
OCVU SURGE-OCVU Datasheet
704Kb / 2P
rohs compliance
RLA SURGE-RLA Datasheet
1Mb / 2P
rohs compliance
RXR SURGE-RXR Datasheet
785Kb / 2P
rohs compliance
SS SURGE-SS Datasheet
988Kb / 1P
rohs compliance
SXJ SURGE-SXJ Datasheet
483Kb / 1P
rohs compliance
VEJ SURGE-VEJ Datasheet
1Mb / 2P
rohs compliance
VLW SURGE-VLW Datasheet
1,012Kb / 1P
rohs compliance
VSS SURGE-VSS Datasheet
498Kb / 1P
rohs compliance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com