Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO3712 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO3712 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO3712
Download  DIO3712 Download
File Size   790.94 Kbytes
Page   10 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Analog switch

DIO3712 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO3712 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO3712
Download  DIO3712 Click to download

File Size   790.94 Kbytes
Page   10 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Analog switch

DIO3712 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO3712 Product details

Features
 Over-Voltage Tolerance (OVT)
 Voltage Operation: 1.8V to 5.5V
 Low On Resistance: 4.5Ω typ at 4.5Vcc
 High Off-Isolation
 Low Crosstalk
 Low leakage current
 Low power consumption
 Wide -3dB Bandwidth: >300MHz
 Low Distortion
 Packaged: DQFN-10, MSOP-10
 8kV HBM; 1.5kV CDM ESD Rating
Applications
 Cell Phones
 PDAs and MP3s
 Portable Instrumentation
 Battery Powered Communications
 Computer Peripherals
Descriptions
DIO3712 is a dual, bidirectional,
single-pole/double-throw (SPDT) CMOS analog
switch, which is designed to operate from a
single 1.8V to 5.5V supply. It features
high-bandwidth (300MHz) and low on-resistance,
targeted applications for full speed USB and
audio switching.
DIO3712 features power ON/OFF protection
effectively protecting device against external
signal perturbation. It also offers excellent -3db
bandwidth and lower ON resistance, which can
be used as analog switch in multiple
applications.
It operates under wide Vcc supply from 1.8V to
5.5V, consuming very low quiescent current even
when the voltage of S pin is lower than VCC
supply. This new feature services the mobile
handset applications very well allowing for the
direct interface with baseband processor general
purpose I/Os with no need of level translator.




Similar Part No. - DIO3712

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO3713 DIOO-DIO3713 Datasheet
764Kb / 9P
Analog switch
Rev 1.1
DIO3713LP10 DIOO-DIO3713LP10 Datasheet
764Kb / 9P
Analog switch
Rev 1.1
DIO3714 DIOO-DIO3714 Datasheet
1Mb / 12P
Analog Switch
Jul 2023
DIO3714SO14 DIOO-DIO3714SO14 Datasheet
1Mb / 12P
Analog Switch
Jul 2023
DIO3714TP14 DIOO-DIO3714TP14 Datasheet
1Mb / 12P
Analog Switch
Jul 2023
More results


Similar Description - DIO3712

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
Analog Switch
November, 1999 ??Rev. 2
logo
Hitachi Semiconductor
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
Analog Switch
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
Analog switch
Rev.1.0 Sep.22.2003
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
Analog Switch
logo
Renesas Technology Corp
HD74LV1G66A RENESAS-HD74LV1G66A Datasheet
101Kb / 12P
Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
Analog Switch
HD74HCT1G66 RENESAS-HD74HCT1G66 Datasheet
99Kb / 9P
Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_15 Datasheet
153Kb / 11P
Analog Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com