Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO3712 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO3712
Description  Analog switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO3712 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO3712 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO3712 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO3712 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO3712 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO3712 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO3712 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO3712 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO3712 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO3712 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev 1.3
www.dioo.com
© 2020 DIOO MICROCIRCUITS CO., LTD
DIO3712• Rev. 1.3
DIO3712
High-bandwidth and Low on-resistance Analog switch
Features
Over-Voltage Tolerance (OVT)
Voltage Operation: 1.8V to 5.5V
Low On Resistance: 4.5Ω typ at 4.5Vcc
High Off-Isolation
Low Crosstalk
Low leakage current
Low power consumption
Wide -3dB Bandwidth: >300MHz
Low Distortion
Packaged: DQFN-10, MSOP-10
8kV HBM; 1.5kV CDM ESD Rating
Applications
Cell Phones
PDAs and MP3s
Portable Instrumentation
Battery Powered Communications
Computer Peripherals
Descriptions
DIO3712
is
a
dual,
bidirectional,
single-pole/double-throw (SPDT) CMOS analog
switch, which is designed to operate from a
single
1.8V
to
5.5V
supply.
It
features
high-bandwidth (300MHz) and low on-resistance,
targeted applications for full speed USB and
audio switching.
DIO3712 features power ON/OFF protection
effectively protecting device against external
signal perturbation. It also offers excellent -3db
bandwidth and lower ON resistance, which can
be
used
as
analog
switch
in
multiple
applications.
It operates under wide Vcc supply from 1.8V to
5.5V, consuming very low quiescent current even
when the voltage of S pin is lower than VCC
supply. This new feature services the mobile
handset applications very well allowing for the
direct interface with baseband processor general
purpose I/Os with no need of level translator.
Block Diagram
Ordering Information
Order Part
Number
Top Marking
Green
TA
Package
DIO3712LP10
YWGM
Yes
-40 to 85
℃
DQFN-10
Tape & Reel, 3000
DIO3712MP10
DIO3712
Yes
-40 to 85
℃
MSOP-10
Tape & Reel, 3000
N C 1
C O M 2
N O 2
N O 1
N C 2
C O M 1
C ontrol
IN 1
IN 2


Similar Part No. - DIO3712

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO3713 DIOO-DIO3713 Datasheet
764Kb / 9P
Analog switch
Rev 1.1
DIO3713LP10 DIOO-DIO3713LP10 Datasheet
764Kb / 9P
Analog switch
Rev 1.1
DIO3714 DIOO-DIO3714 Datasheet
1Mb / 12P
Analog Switch
Jul 2023
DIO3714SO14 DIOO-DIO3714SO14 Datasheet
1Mb / 12P
Analog Switch
Jul 2023
DIO3714TP14 DIOO-DIO3714TP14 Datasheet
1Mb / 12P
Analog Switch
Jul 2023
More results

Similar Description - DIO3712

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
Analog Switch
November, 1999 ??Rev. 2
logo
Hitachi Semiconductor
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
Analog Switch
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
Analog switch
Rev.1.0 Sep.22.2003
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
Analog Switch
logo
Renesas Technology Corp
HD74LV1G66A RENESAS-HD74LV1G66A Datasheet
101Kb / 12P
Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
Analog Switch
HD74HCT1G66 RENESAS-HD74HCT1G66 Datasheet
99Kb / 9P
Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_15 Datasheet
153Kb / 11P
Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com