Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO3714TP14 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO3714TP14 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO3714TP14
Download  DIO3714TP14 Download
File Size   1360.31 Kbytes
Page   12 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Analog Switch

DIO3714TP14 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO3714TP14 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO3714TP14
Download  DIO3714TP14 Click to download

File Size   1360.31 Kbytes
Page   12 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Analog Switch

DIO3714TP14 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO3714TP14 Product details

 Description
The DIO3714 is a CMOS analog IC configured as quad bilateral single-pole, single-throw (SPST) switches. It
can be applied for the transmission or multiplexing of analog or digital signals.
The DIO3714 features a low on-resistance (4.5 Ω typ) and a very low off-leakage current (5 nA typ). It has
integrated four bilateral switches and each one has independent controls. The operating range of this CMOS
device is from 1.8 V to 5.5 V.
The DIO3714 operates over an ambient temperature range of -40°C to 125°C. It offers two green packages
with SOP-14 and TSSOP-14.
 Features
 -3 dB Bandwidth: 200 MHz
 Single supply voltage: 1.8 V to 5.5 V
 Low on-resistance: 4.5 Ω (typ) with 4.5 V supply
 High off-isolation: -72 dB (RL = 50 Ω, f = 1 MHz)
 Guaranteed on-resistance match between
channels
 Extremely low off-state switch leakage: 5 nA
(typ) at 25°C
 Operating temperature range: -40°C to 125°C
 Packages: SOP-14 and TSSOP-14
 Application
 Transmission-gate logic implementation
 Analog and digital multiplexing and
demultiplexing
 A/D and D/A conversion
 Signal gating
 Battery-operated equipment
 Factory automation
 Communications circuits




Similar Part No. - DIO3714TP14

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO3712 DIOO-DIO3712 Datasheet
790Kb / 10P
Analog switch
Rev 1.3
DIO3712LP10 DIOO-DIO3712LP10 Datasheet
790Kb / 10P
Analog switch
Rev 1.3
DIO3712MP10 DIOO-DIO3712MP10 Datasheet
790Kb / 10P
Analog switch
Rev 1.3
DIO3713 DIOO-DIO3713 Datasheet
764Kb / 9P
Analog switch
Rev 1.1
DIO3713LP10 DIOO-DIO3713LP10 Datasheet
764Kb / 9P
Analog switch
Rev 1.1
More results


Similar Description - DIO3714TP14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
Analog Switch
November, 1999 ??Rev. 2
logo
Hitachi Semiconductor
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
Analog Switch
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
Analog switch
Rev.1.0 Sep.22.2003
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
Analog Switch
logo
Renesas Technology Corp
HD74LV1G66A RENESAS-HD74LV1G66A Datasheet
101Kb / 12P
Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
Analog Switch
HD74HCT1G66 RENESAS-HD74HCT1G66 Datasheet
99Kb / 9P
Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_15 Datasheet
153Kb / 11P
Analog Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com