Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO3712 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO3712
Description  Analog switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO3712 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO3712 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO3712 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO3712 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO3712 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO3712 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO3712 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO3712 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO3712 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO3712 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DIO3712
www.dioo.com
© 2020 DIOO MICROCIRCUITS CO., LTD
DIO3712• Rev. 1.3
DC Electrical Characteristics
All typical value are at TA = 25°C, unless otherwise specified
Symbol
Parameter
Conditions
Temp.
Min.
Typ.
Max.
Unit
VIH
Input
voltage
high
Vcc=5.0V
-40 to 85°C
2.1
V
Vcc=3.0V
1.5
VIL
Input
voltage
low
Vcc=5.0V
-40 to 85°C
0.9
V
Vcc=3.0V
0.6
IIN
Control input
leakage
Vcc=1.8V to 5.5V,
VIN=0V or 5.5V or 3.6V
-40 to 85°C
1
µA
INC(OFF)
INO(OFF)
Source off
leakage current
Vcc=1.8V to 5.5V, VNO or VNC=1.0V, 4.5V,
VCOM=4.5V, 1.0V, See Figure 3
-40 to 85°C
2
µA
INC(ON)
INO(ON)
ICOM(ON)
On leakage
current
Vcc=1.8V to 5.5V, VNO or VNC=1.0V, 4.5V,
VCOM=1.0V, 4.5V, or floating
-40 to 85°C
2
µA
RON
Switch on
Resistance
Vcc=2.7V, VNO or VNC=1.2V, ICOM=-10mA,
See Figure 2
25°C
12
Ω
-40 to 85°C
15
Vcc=4.5V, VNO or VNC=3.5V, ICOM=-10mA,
See Figure 2
25°C
4.5
Ω
-40 to 85°C
5.0
ΔRON
On Resistance
Matching
between
Channels
Vcc=2.7V,
VNO or VNC=1.5V, ICOM=-10mA
25°C
0.3
Ω
-40 to 85°C
0.8
Vcc=4.5V,
VNO or VNC=3.5V, ICOM=-10mA
25°C
0.2
Ω
-40 to 85°C
0.8
RFLT(ON)
On Resistance
Flatness
Vcc=2.7V, VNO or VNC=1.0V, 1.5V, 2.0V,
ICOM=-10mA
-40 to 85°C
5.0
Ω
Vcc=4.5V, VNO or VNC=1.0V, 2.0V, 3.5V,
ICOM=-10mA
-40 to 85°C
1.6
ICC
Power
Supply
Current
Vcc=1.8V to 5.5V, VIN=0V or Vcc
-40 to 85°C
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com