Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANLP1009 Datasheet (PDF) - Infinite Electronics International, Inc.

LCANLP1009 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCANLP1009
Download  LCANLP1009 Download
File Size   456.45 Kbytes
Page   4 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2300 MHz - 2500 MHz, 10 dBi, Log Periodic Antenna, High Gain, V-pol, Type N Female connector

LCANLP1009 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCANLP1009 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCANLP1009
Download  LCANLP1009 Click to download

File Size   456.45 Kbytes
Page   4 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2300 MHz - 2500 MHz, 10 dBi, Log Periodic Antenna, High Gain, V-pol, Type N Female connector

LCANLP1009 Datasheet (HTML) - Infinite Electronics International, Inc.


LCANLP1009 Product details

Features
• Frequency coverage for 2300 MHz to 2500 MHz
• Very High Gain 10 dBi Directional Antenna
• Each connector covers wide band of frequencies
• Easy Install universal mounting bracket provided
• Weatherproof ABS radome
• Pigtail – 12 inches
• N-Type Female connector

Applications
• Point-to-point, LPWAN, LTE-M, NB-IoT, IoT, M2M applications
• 4G LTE B23 operation supported
• 5G Bands supported -n40, n41, n53, n90, n97
• DAS (Distributed Antenna Systems)
• IEEE 802.11a / b /g / n / ac / ad / ah/ ax Wi-Fi applications
• Public safety, utilities, CCTV and local radio coverage
• Smart cities expansion for coverage and IOT / IIOT




Similar Part No. - LCANLP1009

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCANLP1003 L-COM-LCANLP1003 Datasheet
414Kb / 4P
617-960 MHz / 1710-2700 MHz, 10 dBi / 11 dBi, Log Periodic Antenna, V-pol, Dual Band, High gain, Type N Female Connector
03/28/2022
LCANLP1004 L-COM-LCANLP1004 Datasheet
404Kb / 4P
600-960 MHz / 1710-2700 MHz / 3300-3800 MHz, 7 / 9 / 11 dBi, MIMO Log Periodic Antenna, High Gain, V/H-pol, 2 x Type N Female Connector
03/28/2022
LCANLP1005 L-COM-LCANLP1005 Datasheet
455Kb / 4P
5150 MHz - 5875 MHz, 15 dBi Gain, Log Periodic Antenna, V/H-pol, Dual Band, Dual Pol, High Gain, 2 x Type N Female Connector
03/21/2022
LCANLP1006 L-COM-LCANLP1006 Datasheet
443Kb / 4P
790 MHz - 960 MHz / 1710 MHz - 2170 MHz / 2300 MHz - 2700 MHz, 11 dBi, Log Periodic Antenna, V-pol, High Gain, Type N Female Connector
03/21/2022
LCANLP1007 L-COM-LCANLP1007 Datasheet
458Kb / 4P
806 MHz - 960 MHz / 1710 MHz - 2500 MHz, 9 dBi, Log Periodic Antenna, V-pol, Dual Band, High Gain, Type N Female connector
3/21/2022
More results


Similar Description - LCANLP1009

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TDK-HLP-2603 TDK-TDK-HLP-2603 Datasheet
61Kb / 2P
Hybrid Log Periodic Antenna
logo
M/A-COM Technology Solu...
MAFR-000230-000001 MA-COM-MAFR-000230-000001 Datasheet
62Kb / 2P
Circulator 2300-2500 MHz
MAFR-000247-000001 MA-COM-MAFR-000247-000001 Datasheet
88Kb / 2P
Isolator 2300-2500 MHz
logo
Pasternack Enterprises,...
PE51130 PASTERNACK-PE51130 Datasheet
65Kb / 1P
High Performance Panel Antenna 1700-2500 MHz, 9 dBi
PE51049 PASTERNACK-PE51049 Datasheet
92Kb / 1P
WiMax Panel Antenna 2400-2500 MHz, 19 dBi
PE51062 PASTERNACK-PE51062 Datasheet
59Kb / 1P
Mini Vertical Antenna 2300 MHz, 3 dBi
PE51064 PASTERNACK-PE51064 Datasheet
59Kb / 1P
Mini Vertical Antenna 2500 MHz, 3 dBi
PE51133 PASTERNACK-PE51133 Datasheet
256Kb / 1P
Mini Vertical Antenna 2400-2500 MHz 3 dBi
logo
TDK Electronics
HLP-3003C TDK-HLP-3003C Datasheet
86Kb / 2P
Hybrid Log Periodic Antenna
logo
Suzhou Maswell Communic...
AN_MASTER_005MIMO MASWELL-AN_MASTER_005MIMO Datasheet
1Mb / 17P
Maswell 5G High Gain Ultra Wideband Log Periodic Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com