Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AF127B Datasheet (PDF) - STMicroelectronics

M68AF127B Datasheet PDF - STMicroelectronics
Part # M68AF127B
Download  M68AF127B Download
File Size   373.32 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1Mbit 128K x8, 5V Asynchronous SRAM

M68AF127B Datasheet (PDF)

Go To PDF Page Download Datasheet
M68AF127B Datasheet PDF - STMicroelectronics

Part # M68AF127B
Download  M68AF127B Click to download

File Size   373.32 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1Mbit 128K x8, 5V Asynchronous SRAM

M68AF127B Datasheet (HTML) - STMicroelectronics


M68AF127B Product details

SUMMARY DESCRIPTION
The M68AF127B is a 1Mbit (1,048,576 bit) CMOS SRAM, organized as 131,072 words by 8 bits. The device features fully static operation requiring no external clocks or timing strobes, with equal address access and cycle times. It requires a single 4.5 to 5.5V supply.
This device has an automatic power-down feature, reducing the power consumption by over 99% when deselected.
The M68AF127B is available in SO32, PDIP32, TSOP32 (8x13.4mm) and TSOP32 (8x20mm) packages.

FEATURES SUMMARY
■ SUPPLY VOLTAGE: 4.5 to 5.5V
■ 128K x 8 bits SRAM with OUTPUT ENABLE
■ EQUAL CYCLE and ACCESS TIMES: 55ns
■ LOW STANDBY CURRENT
■ LOW VCC DATA RETENTION: 2V
■ TRI-STATE COMMON I/O
■ LOW ACTIVE and STANDBY POWER




Similar Part No. - M68AF127B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AF031A STMICROELECTRONICS-M68AF031A Datasheet
383Kb / 22P
256 Kbit (32K x 8) 5.0V Asynchronous SRAM
15-Nov-2004
M68AF031AL55B1E STMICROELECTRONICS-M68AF031AL55B1E Datasheet
383Kb / 22P
256 Kbit (32K x 8) 5.0V Asynchronous SRAM
15-Nov-2004
M68AF031AL55B1F STMICROELECTRONICS-M68AF031AL55B1F Datasheet
383Kb / 22P
256 Kbit (32K x 8) 5.0V Asynchronous SRAM
15-Nov-2004
M68AF031AL55B1T STMICROELECTRONICS-M68AF031AL55B1T Datasheet
383Kb / 22P
256 Kbit (32K x 8) 5.0V Asynchronous SRAM
15-Nov-2004
M68AF031AL55B6E STMICROELECTRONICS-M68AF031AL55B6E Datasheet
383Kb / 22P
256 Kbit (32K x 8) 5.0V Asynchronous SRAM
15-Nov-2004
More results


Similar Description - M68AF127B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AW127B STMICROELECTRONICS-M68AW127B Datasheet
327Kb / 20P
1Mbit 128K x8, 3.0V Asynchronous SRAM
21-Aug-2003
M68AF511A STMICROELECTRONICS-M68AF511A Datasheet
129Kb / 18P
4 Mbit (512K x8), 5V Asynchronous SRAM
09-Oct-2002
logo
Alliance Semiconductor ...
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
logo
List of Unclassifed Man...
HMN1288D ETC-HMN1288D Datasheet
168Kb / 9P
Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
HMN1288J ETC1-HMN1288J Datasheet
158Kb / 8P
Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit),34Pin-JLCC, 5V
logo
STMicroelectronics
M68AF511AL STMICROELECTRONICS-M68AF511AL Datasheet
93Kb / 18P
4 Mbit (512K x8), 5V Asynchronous SRAM
17-May-2002
logo
White Electronic Design...
EDI8L24128C WEDC-EDI8L24128C Datasheet
300Kb / 5P
128Kx24 Asynchronous SRAM, 5V
logo
List of Unclassifed Man...
GS71108ATP ETC2-GS71108ATP_06 Datasheet
641Kb / 16P
128K x 8 1Mb Asynchronous SRAM
logo
Hanbit Electronics Co.,...
HMN1288D HANBIT-HMN1288D Datasheet
172Kb / 9P
Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN1288D DLGHANBIT-HMN1288D Datasheet
494Kb / 7P
Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com