Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C1025 Datasheet (PDF) - Alliance Semiconductor Corporation

AS7C1025 Datasheet PDF - Alliance Semiconductor Corporation
Part # AS7C1025
Download  AS7C1025 Download
File Size   196.16 Kbytes
Page   9 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)

AS7C1025 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7C1025 Datasheet PDF - Alliance Semiconductor Corporation

Part # AS7C1025
Download  AS7C1025 Click to download

File Size   196.16 Kbytes
Page   9 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)

AS7C1025 Datasheet (HTML) - Alliance Semiconductor Corporation


AS7C1025 Product details

Functional description
The AS7C1025 and AS7C31025 are high-performance CMOS 1,048,576-bit Static Random Access Memory (SRAM) devices organized as 131,072 words × 8 bits. They are designed for memory applications where fast data access, low power, and simple interfacing are desired.
Equal address access and cycle times (tAA, tRC, tWC) of 12/15/20 ns with output enable access times (tOE) of 6,7,8 ns are ideal for high-performance applications. The chip enable input CE permits easy memory and expansion with multiple-bank memory systems.

Features
• AS7C1025 (5V version)
• AS7C31025 (3.3V version)
• Industrial and commercial temperatures
• Organization: 131,072 words × 8 bits
• High speed
    - 12/15/20 ns address access time
    - 6,7,8 ns output enable access time
• Low power consumption: ACTIVE
    - 715 mW (AS7C1025) / max @ 12 ns (5V)
    - 360 mW (AS7C31025) / max @ 12 ns (3.3V)
• Low power consumption: STANDBY
    - 27.5 mW (AS7C1025) / max CMOS (5V)
    - 1.8 mW (AS7C31025) / max CMOS (3.3V)
• 2.0V data retention
• Easy memory expansion with CE, OE inputs
• Center power and ground
• TTL/LVTTL-compatible, three-state I/O
• JEDEC-standard packages
    - 32-pin, 300 mil SOJ
    - 32-pin, 400 mil SOJ
    - 32-pin TSOP II
• ESD protection ≥ 2000 volts
• Latch-up current ≥ 200 mA




Similar Part No. - AS7C1025

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
AS7C1025A-10JC ALSC-AS7C1025A-10JC Datasheet
116Kb / 8P
5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
AS7C1025A-10JI ALSC-AS7C1025A-10JI Datasheet
116Kb / 8P
5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
AS7C1025A-10TC ALSC-AS7C1025A-10TC Datasheet
116Kb / 8P
5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
AS7C1025A-10TI ALSC-AS7C1025A-10TI Datasheet
116Kb / 8P
5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
More results


Similar Description - AS7C1025

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AF127B STMICROELECTRONICS-M68AF127B Datasheet
373Kb / 23P
1Mbit 128K x8, 5V Asynchronous SRAM
24-Sep-2004
logo
Alliance Semiconductor ...
AS7C1024A ALSC-AS7C1024A Datasheet
116Kb / 9P
5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
logo
Integrated Silicon Solu...
IS63LV1024 ISSI-IS63LV1024 Datasheet
68Kb / 8P
128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
IS63LV1024L ISSI-IS63LV1024L Datasheet
45Kb / 9P
128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Alliance Semiconductor ...
AS7C4096 ALSC-AS7C4096 Datasheet
246Kb / 9P
5V/3.3V 512K X8 CMOS SRAM
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
logo
Integrated Circuit Solu...
IC63LV1024 ICSI-IC63LV1024 Datasheet
133Kb / 10P
128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Austin Semiconductor
AS5LC1008 AUSTIN-AS5LC1008 Datasheet
121Kb / 10P
128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
logo
Integrated Silicon Solu...
IS63LV1024 ISSI-IS63LV1024_07 Datasheet
614Kb / 18P
128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Austin Semiconductor
AS5LC1008 AUSTIN-AS5LC1008_05 Datasheet
527Kb / 10P
128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com