Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C1025 Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS7C1025
Description  5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1025 Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS7C1025 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1025 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1025 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1025 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1025 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1025 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1025 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1025 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1025 Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
®
AS7C1025
AS7C31025
3/23/01; v.1.0
Alliance Semiconductor
P. 2 of 9
Functional description
The AS7C1025 and AS7C31025 are high-performance CMOS 1,048,576-bit Static Random Access Memory (SRAM) devices
organized as 131,072 words × 8 bits. They are designed for memory applications where fast data access, low power, and
simple interfacing are desired.
Equal address access and cycle times (tAA, tRC, tWC) of 12/15/20 ns with output enable access times (tOE) of 6,7,8 ns are ideal
for high-performance applications. The chip enable input CE permits easy memory and expansion with multiple-bank
memory systems.
When CE is high the devices enter standby mode. The standard AS7C1025 is guaranteed not to exceed 27.5 mW power
consumption in standby mode, and typically requires only 5 mW. Both devices also offer 2.0V data retention.
A write cycle is accomplished by asserting write enable (WE) and chip enable (CE). Data on the input pins I/O0-I/O7 is
written on the rising edge of WE (write cycle 1) or CE (write cycle 2). To avoid bus contention, external devices should drive
I/O pins only after outputs have been disabled with output enable (OE) or write enable (WE).
A read cycle is accomplished by asserting output enable (OE) and chip enable (CE), with write enable (WE) high. The chips
drive I/O pins with the data word referenced by the input address. When either chip enable or output enable is inactive, or
write enable is active, output drivers stay in high-impedance mode.
All chip inputs and outputs are TTL-compatible, and operation is from a single 5V supply (AS7C1025) or 3.3V supply
(AS7C31025). The AS7C1025 and AS7C31025 are packaged in common industry standard packages.
Absolute maximum ratings
NOTE: Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions outside those indicated in the operational sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect reliability.
Truth table
Key: X = Don’t Care, L = Low, H = High
Parameter
Device
Symbol
Min
Max
Unit
Voltage on VCC relative to GND
AS7C1025
Vt1
–0.50
+7.0
V
AS7C31025
Vt1
–0.50
+5.0
V
Voltage on any pin relative to GND
Vt2
–0.50
VCC + 0.5
V
Power dissipation
PD
–1.0
W
Storage temperature (plastic)
Tstg
–65
+150
oC
Ambient temperature with VCC applied
Tbias
–55
+125
oC
DC current into outputs (low)
IOUT
–20
mA
CE
WE
OE
Data
Mode
H
X
X
High Z
Standby (ISB, ISB1)
L
H
H
High Z
Output disable (ICC)
LHL
DOUT
Read (ICC)
LL
X
DIN
Write (ICC)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com