Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C1025 Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS7C1025
Description  5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1025 Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

  AS7C1025 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1025 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1025 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1025 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1025 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1025 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1025 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1025 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1025 Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
®
AS7C1025
AS7C31025
3/23/01; v.1.0
Alliance Semiconductor
P. 7 of 9
Typical DC and AC characteristics
Supply voltage (V)
MIN
MAX
NOMINAL
0.0
0.2
0.6
0.8
0.4
1.0
1.2
1.4
Normalized supply current ICC, ISB
Ambient temperature (°C)
–55
80
125
35
–10
0.0
0.2
0.6
0.8
0.4
1.0
1.2
1.4
Normalized supply current ICC, ISB
vs. ambient temperature Ta
vs. supply voltage VCC
ICC
ISB
ICC
ISB
Ambient temperature (°C)
-55
80
125
35
-10
0.2
1
0.04
5
25
625
Normalized supply current ISB1
vs. ambient temperature Ta
VCC = VCC(NOMINAL)
Supply voltage (V)
MIN
MAX
NOMINAL
0.8
0.9
1.1
1.2
1.0
1.3
1.4
1.5
Normalized access time tAA
Ambient temperature (°C)
–55
80
125
35
–10
0.8
0.9
1.1
1.2
1.0
1.3
1.4
1.5
Normalized access time tAA
Cycle frequency (MHz)
075
100
50
25
0.0
0.2
0.6
0.8
0.4
1.0
1.2
1.4
Normalized supply current ICC
vs. ambient temperature Ta
vs. cycle frequency 1/tRC, 1/tWC
vs. supply voltage VCC
VCC = VCC(NOMINAL)
Ta = 25° C
VCC = VCC(NOMINAL)
Ta = 25° C
Output voltage (V)
VCC
0
20
60
80
40
100
120
140
Output source current IOH
Output voltage (V)
VCC
Output sink current IOL
vs. output voltage VOL
vs. output voltage VOH
0
20
60
80
40
100
120
140
Capacitance (pF)
0
750
1000
500
250
0
5
15
20
10
25
30
35
Typical access time change
∆t
AA
vs. output capacitive loading
00
VCC = VCC(NOMINAL)
VCC = VCC(NOMINAL)
VCC = VCC(NOMINAL)
Ta = 25° C
Ta = 25° C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com