Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILL22 Datasheet (PDF) - Optronics International

ILL22 Datasheet PDF - Optronics International
Part # ILL22
Download  ILL22 Download
File Size   254.49 Kbytes
Page   2 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description LED Sealed Dome Lights

ILL22 Datasheet (PDF)

Go To PDF Page Download Datasheet
ILL22 Datasheet PDF - Optronics International

Part # ILL22
Download  ILL22 Click to download

File Size   254.49 Kbytes
Page   2 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description LED Sealed Dome Lights

ILL22 Datasheet (HTML) - Optronics International


ILL22 Product details

Raw lumen output: 1044 lm, Effective lumen output: 810 lm
Low profile dome lights – less than 1" thick
Sealed, waterproof design
Hard wired with 6" power and ground wires
Available in bulk, polypack and retail packaging
Lifetime LED Warranty




Similar Part No. - ILL22

ManufacturerPart #DatasheetDescription
logo
Optronics International
ILL21 OPTRONICS-ILL21 Datasheet
205Kb / 1P
Opti-Brite LED 6" Dome Light
ILL21CB OPTRONICS-ILL21CB Datasheet
205Kb / 1P
Opti-Brite LED 6" Dome Light
ILL24 OPTRONICS-ILL24 Datasheet
194Kb / 2P
LED Sealed 6" Round Dome Lights
ILL24CB OPTRONICS-ILL24CB Datasheet
194Kb / 2P
LED Sealed 6" Round Dome Lights
ILL24CPG OPTRONICS-ILL24CPG Datasheet
194Kb / 2P
LED Sealed 6" Round Dome Lights
More results


Similar Description - ILL22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLE435 ETC-CLE435 Datasheet
111Kb / 1P
Red LED, Aluminum Gallium Arsenide Dome Lens Can, Hermetically Sealed
CLE535 ETC-CLE535 Datasheet
108Kb / 1P
High Power Green LED Dome Lens Can, Hermetically Sealed
CLE536 ETC-CLE536 Datasheet
108Kb / 1P
High Power Blue LED Dome Lens Can, Hermetically Sealed
logo
Clairex Technologies, I...
CLE435 CLAIREX-CLE435 Datasheet
115Kb / 1P
Red LED, Aluminum Gallium Arsenide Dome Lens Can, Hermetically Sealed
CLE535 CLAIREX-CLE535 Datasheet
112Kb / 1P
High Power Green LED Dome Lens Can, Hermetically Sealed
CLE536 CLAIREX-CLE536 Datasheet
112Kb / 1P
High Power Blue LED Dome Lens Can, Hermetically Sealed
CLE539 CLAIREX-CLE539 Datasheet
112Kb / 1P
High Power GaN White LED Dome Lens Can, Hermetically Sealed
logo
OSRAM GmbH
ONYXL-7 OSRAM-ONYXL-7 Datasheet
111Kb / 3P
LED reading lights
logo
Banner Engineering Corp...
LEDRA70AP5-XQ BANNER-LEDRA70AP5-XQ Datasheet
312Kb / 6P
LED Series Sealed High-Intensity Area Lights
LEDXR90S BANNER-LEDXR90S Datasheet
153Kb / 3P
LEDxR90S Series Sealed Ring Lights
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com