Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILL24 Datasheet (PDF) - Optronics International

ILL24 Datasheet PDF - Optronics International
Part # ILL24
Download  ILL24 Download
File Size   194.2 Kbytes
Page   2 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description LED Sealed 6" Round Dome Lights

ILL24 Datasheet (PDF)

Go To PDF Page Download Datasheet
ILL24 Datasheet PDF - Optronics International

Part # ILL24
Download  ILL24 Click to download

File Size   194.2 Kbytes
Page   2 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description LED Sealed 6" Round Dome Lights

ILL24 Datasheet (HTML) - Optronics International


ILL24 Product details

Raw lumen output: 585 lm, Effective lumen output: 453 lm
Low profile dome lights – only 7/8" thick
Sealed, waterproof
Hard wired (black=power, white=ground)
Available in bulk and polypack packaging
Lifetime LED Warranty




Similar Part No. - ILL24

ManufacturerPart #DatasheetDescription
logo
Optronics International
ILL21 OPTRONICS-ILL21 Datasheet
205Kb / 1P
Opti-Brite LED 6" Dome Light
ILL21CB OPTRONICS-ILL21CB Datasheet
205Kb / 1P
Opti-Brite LED 6" Dome Light
ILL22 OPTRONICS-ILL22 Datasheet
254Kb / 2P
LED Sealed Dome Lights
ILL223CEHB OPTRONICS-ILL223CEHB Datasheet
254Kb / 2P
LED Sealed Dome Lights
ILL22C1224B OPTRONICS-ILL22C1224B Datasheet
254Kb / 2P
LED Sealed Dome Lights
More results


Similar Description - ILL24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLE535 ETC-CLE535 Datasheet
108Kb / 1P
High Power Green LED Dome Lens Can, Hermetically Sealed
CLE536 ETC-CLE536 Datasheet
108Kb / 1P
High Power Blue LED Dome Lens Can, Hermetically Sealed
logo
Clairex Technologies, I...
CLE535 CLAIREX-CLE535 Datasheet
112Kb / 1P
High Power Green LED Dome Lens Can, Hermetically Sealed
CLE536 CLAIREX-CLE536 Datasheet
112Kb / 1P
High Power Blue LED Dome Lens Can, Hermetically Sealed
logo
P-tec Corporation
PL011-CDG13 P-TEC-PL011-CDG13_14 Datasheet
75Kb / 1P
1.8mm Round Dome Lens
PL011-CDR12 P-TEC-PL011-CDR12_14 Datasheet
76Kb / 1P
1.8mm Round Dome Lens
PL011-CDR24 P-TEC-PL011-CDR24_14 Datasheet
76Kb / 1P
1.8mm Round Dome Lens
PL011-CDY01 P-TEC-PL011-CDY01_14 Datasheet
76Kb / 1P
1.8mm Round Dome Lens
logo
Banner Engineering Corp...
LEDRA70AP5-XQ BANNER-LEDRA70AP5-XQ Datasheet
312Kb / 6P
LED Series Sealed High-Intensity Area Lights
LEDXR90S BANNER-LEDXR90S Datasheet
153Kb / 3P
LEDxR90S Series Sealed Ring Lights
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com