Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILL25 Datasheet (PDF) - Optronics International

ILL25 Datasheet PDF - Optronics International
Part # ILL25
Download  ILL25 Download
File Size   168.01 Kbytes
Page   1 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description LED Low Profile Interior Light

ILL25 Datasheet (PDF)

Go To PDF Page Download Datasheet
ILL25 Datasheet PDF - Optronics International

Part # ILL25
Download  ILL25 Click to download

File Size   168.01 Kbytes
Page   1 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description LED Low Profile Interior Light

ILL25 Datasheet (HTML) - Optronics International


ILL25 Product details

Raw lumen output 1100, effective 360 lm
Color temperature 3160K
CSA certified (model without switch)
Surface mount aluminum base design
Available with or without switch
Hard wired (black=power, white=ground)
Available in bulk and polypack packaging
Lifetime LED Warranty




Similar Part No. - ILL25

ManufacturerPart #DatasheetDescription
logo
Optronics International
ILL21 OPTRONICS-ILL21 Datasheet
205Kb / 1P
Opti-Brite LED 6" Dome Light
ILL21CB OPTRONICS-ILL21CB Datasheet
205Kb / 1P
Opti-Brite LED 6" Dome Light
ILL22 OPTRONICS-ILL22 Datasheet
254Kb / 2P
LED Sealed Dome Lights
ILL223CEHB OPTRONICS-ILL223CEHB Datasheet
254Kb / 2P
LED Sealed Dome Lights
ILL22C1224B OPTRONICS-ILL22C1224B Datasheet
254Kb / 2P
LED Sealed Dome Lights
More results


Similar Description - ILL25

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
EBT801-S SEOUL-EBT801-S Datasheet
872Kb / 25P
Applicable for automotive interior light
ELWT801-S05 SEOUL-ELWT801-S05 Datasheet
894Kb / 26P
Applicable for automotive interior light
EMIBT809-S SEOUL-EMIBT809-S Datasheet
939Kb / 27P
Applicable for automotive interior light
LWT801-S SEOUL-LWT801-S Datasheet
893Kb / 26P
Applicable for automotive interior light
STG0A12CE SEOUL-STG0A12CE Datasheet
869Kb / 25P
Applicable for automotive interior light
LAT801-S SEOUL-LAT801-S Datasheet
827Kb / 23P
Applicable for automotive interior light
IBT801-S SEOUL-IBT801-S Datasheet
915Kb / 25P
Applicable for automotive interior light
HRT801-SB SEOUL-HRT801-SB Datasheet
825Kb / 24P
Applicable for automotive interior light
ELWT809-SM SEOUL-ELWT809-SM Datasheet
941Kb / 25P
Applicable for automotive interior light
ELWT809-S SEOUL-ELWT809-S Datasheet
896Kb / 25P
Applicable for automotive interior light
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com