Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD40 Datasheet (PDF) - LightGraphix

LD40 Datasheet PDF - LightGraphix
Part # LD40
Download  LD40 Download
File Size   1848.86 Kbytes
Page   4 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description  WALL LIGHT

LD40 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD40 Datasheet PDF - LightGraphix

Part # LD40
Download  LD40 Click to download

File Size   1848.86 Kbytes
Page   4 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description  WALL LIGHT

LD40 Datasheet (HTML) - LightGraphix


LD40 Product details

KEY FEATURES
Very shallow, only 22mm recess depth required including cable
Ideal for shelf lighting or under cabinets
93 CRI LED in warm white
Range of beam angles
Maximum output is 500mA 1.7W due to its small size
Minimal bezel thickness
Available with Switch, 0-10V, DMX, Dali or Mains dimmable drivers




Similar Part No. - LD40

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
LD40 AVX-LD40 Datasheet
52Kb / 2P
High Voltage MLC Chips Tin/Lead Termination ?쏝??For 600V to 5000V Applications
logo
MRV Communications, Inc...
LD400-2AC MRV-LD400-2AC Datasheet
352Kb / 2P
LambdaDriver Chassis - DWDM/CWDM Platform
LD400-2DC MRV-LD400-2DC Datasheet
352Kb / 2P
LambdaDriver Chassis - DWDM/CWDM Platform
LD400-AC MRV-LD400-AC Datasheet
352Kb / 2P
LambdaDriver Chassis - DWDM/CWDM Platform
LD400-DC MRV-LD400-DC Datasheet
352Kb / 2P
LambdaDriver Chassis - DWDM/CWDM Platform
More results


Similar Description - LD40

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
AR10W LUMINIS-AR10W Datasheet
99Kb / 2P
Wall mount
PR200 LUMINIS-PR200 Datasheet
18Kb / 1P
Wall mount
W1282 LUMINIS-W1282 Datasheet
143Kb / 3P
Wall mount
W1290 LUMINIS-W1290 Datasheet
144Kb / 3P
Wall mount
logo
SUNNY Computer Technolo...
SYS1308N-WXX SUNNY-SYS1308N-WXX Datasheet
874Kb / 2P
Wall mount
03.10.2022
SYS1529-WXX SUNNY-SYS1529-WXX Datasheet
964Kb / 2P
Wall mount
03.10.2022
SYS1541-WXX SUNNY-SYS1541-WXX Datasheet
1Mb / 2P
Wall mount
17.01.2023
SYS1561-WXX SUNNY-SYS1561-WXX Datasheet
1Mb / 3P
Wall mount
16.08.2023
logo
ELATEC GmbH
T4WK-B01EU6 ELATEC-T4WK-B01EU6 Datasheet
358Kb / 4P
TWN4 Palon Compact LEGIC Wall Light
11/2023
T4WK-F01EU6 ELATEC-T4WK-F01EU6 Datasheet
358Kb / 4P
TWN4 Palon Compact Wall Light Multi-frequency RFID reader (LF/HF/NFC) for
11/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com