Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD40 Datasheet(PDF) 2 Page - LightGraphix

Part # LD40
Description   WALL LIGHT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD40 Datasheet(HTML) 2 Page - LightGraphix

  LD40 Datasheet HTML 1Page - LightGraphix LD40 Datasheet HTML 2Page - LightGraphix LD40 Datasheet HTML 3Page - LightGraphix LD40 Datasheet HTML 4Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LD40
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 2 of 4 | Data sheet issued: 17 March 2026
Engine
C1
Beam angles
12°, 31°, 48°, 12° x 36°
LED manufacturer
NICHIA
Colour temperature
2200K, 2700K, 3000K, 4000K, 5000K
Current [Rated output]
350mA [1.2W]
500mA [1.7W]
Typical LED Circuit wattage
1.1W
1.6W
Delivered lumens (L100)*
103
134
Delivered lm/Circuit W**
95
83
Typical LED Source wattage
1W
1.5W
Source LED Lm
133
187
Source lm/W
136
129
Forward voltage (V100)
2.8V
2.9V
CRI
93
Colour consistency
2 SCDM
Peak intensity
1,057 cd
LOR
0.72
TM30
RF93 | RG100
UGR
UGR unavailable for wall mounted fittings
BUG rating (Downlight mounted)
B0-U0-G0
BUG rating (Sideways mounted)
B0-U2-G1
LED lifetime
L90B5 at 90,000hrs
Applications
This data is based on LD40-C1-500-LW30-NB
*Lumen output data applies to all colour temperatures
**LED wattage includes losses assocaited with using a 90% efficient driver
WHITE LED ENGINE SPECIFICATION
Engine
C1
Beam angles
12°, 31°, 55°, 12° x 36°
LED manufacturer
NICHIA
Colour temperature**
2200K / 2700K / 3000K / 4000K / 5000K
Current
350mA [1.2W]
500mA [1.7W]
LED power* (Max)
1.2W
1.7W
Delivered lumens** (L100)
103
134
Lumens per circuit watt
86
79
Forward voltage (V100)
3.0
3.2
CRI (Typ)
93
Colour consistency
2 SCDM
Peak intensity
?? (1057 cd)
LED Lumens
187
LOR
0.87
TM30
RF93
RG100
UGR
18.3
LED lifetime
L90B5 at 90,000hrs
Applications
*LED wattage includes losses associated with using an 85% efficient driver
** Lumen output data applies to all colour temperatures.
ENVIRONMENTAL
TM65
Available on request
TM66
2.7
Repair + Refurbish
This product is included in our Repair and Refurbish scheme. This offers customers the ability to send back products
to us for repair or refurbishment to extend their life without having to buy new fittings.
MECHANICAL
Ambient temperature
C1
-20°C to 45°C (350mA-500mA)
AUS/NZ
-20°C to 25°C (350mA-500mA)
Glass
5mm thick borosilicate
Materials
Machine finish 316 stainless steel
IP rating
IP67
Wiring
Comes Pre-wired with 2 x 150mm single core lead, can be specified with up to 3m of single core cable at extra cost



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com