Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD43DR Datasheet (PDF) - LightGraphix

LD43DR Datasheet PDF - LightGraphix
Part # LD43DR
Download  LD43DR Download
File Size   2429.69 Kbytes
Page   6 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description LED UPLIGHT

LD43DR Datasheet (PDF)

Go To PDF Page Download Datasheet
LD43DR Datasheet PDF - LightGraphix

Part # LD43DR
Download  LD43DR Click to download

File Size   2429.69 Kbytes
Page   6 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description LED UPLIGHT

LD43DR Datasheet (HTML) - LightGraphix


LD43DR Product details

KEY FEATURES
High-power C1 engine with NICHIA LED delivering up to 106lm
Miniature fitting with LED and optics deep recessed 33mm for reduced glare
Available with a narrow 12° beam only due to the size of the aperture
Can be used as an uplight or downlight
Wide range of high-quality machined metal and painted bezel finishes available,
including: 316 Stainless Steel, Polished & Passivated 316 Stainless Steel, Brass,
Flamed Solid Bronze, White (RAL 9016), Black (RAL 9005), Classic Bronze
(YM262E), Gunmetal Grey (RAL 7021) and other RAL colours available
Optional glare shield accessory for further reduced glare
Hidden fixing options include spring clips or /480 first fix sleeve with O-rings
Contains our integral moisture guard (anti-wicking barrier),
stopping water ingress from going up the cable into the product
from incorrect IP-rated connections
Switched, 0-10V, Casambi, DMX, DALI or Mains dimmable drivers available




Similar Part No. - LD43DR

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD43DRG LIGHTGRAPHIX-LD43DRG Datasheet
1Mb / 6P
GLASS BEZEL
27 April 2026
More results


Similar Description - LD43DR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
LED
NSPG520S ETC-NSPG520S Datasheet
868Kb / 15P
LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
LED
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
Infrared LED Subminiature LED
logo
NICHIA CORPORATION
NESB146AT NICHIA-NESB146AT Datasheet
274Kb / 17P
LED
NFSL172AT NICHIA-NFSL172AT Datasheet
291Kb / 19P
LED
NHSB064T-N3 NICHIA-NHSB064T-N3 Datasheet
296Kb / 19P
LED
NSSB146AT-NA NICHIA-NSSB146AT-NA Datasheet
568Kb / 18P
LED
logo
KODENSHI_AUK CORP.
KP5450R66E6F KODENSHI-KP5450R66E6F Datasheet
127Kb / 5P
LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com