Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD43DRG Datasheet (PDF) - LightGraphix

LD43DRG Datasheet PDF - LightGraphix
Part # LD43DRG
Download  LD43DRG Download
File Size   1693.11 Kbytes
Page   6 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description GLASS BEZEL

LD43DRG Datasheet (PDF)

Go To PDF Page Download Datasheet
LD43DRG Datasheet PDF - LightGraphix

Part # LD43DRG
Download  LD43DRG Click to download

File Size   1693.11 Kbytes
Page   6 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description GLASS BEZEL

LD43DRG Datasheet (HTML) - LightGraphix


LD43DRG Product details

KEY FEATURES
High-power C1 engine with NICHIA LED delivering up to 137lm
Miniature fitting with LED and optics deep recessed 33mm for reduced glare
Available with a narrow 12° beam only due to the size of the aperture
Durable all glass bezel, suitable for a wide range of applications
Optional glare shield accessory for further reduced glare
Hidden fixing options include a rebate sleeve with O-ring or trimmed sleeve with O-ring.
Also available with a ground tube
Contains our integral moisture guard (anti-wicking barrier),
stopping water ingress from going up the cable into the product
from incorrect IP-rated connections
Switched, 0-10V, Casambi, DMX, DALI or Mains dimmable drivers available




Similar Part No. - LD43DRG

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD43DR LIGHTGRAPHIX-LD43DR Datasheet
2Mb / 6P
LED UPLIGHT
8 April 2026
More results


Similar Description - LD43DRG

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1921X00X CML-1921X00X Datasheet
342Kb / 1P
LED Indicator 14mm Standard Bezel
logo
Molex Electronics Ltd.
86004-3078 MOLEX-86004-3078 Datasheet
165Kb / 4P
Bezel Adapter System
106004 MOLEX10-106004 Datasheet
175Kb / 1P
Bezel Adapters
logo
Axiomtek Co., Ltd.
GOT3157W-832-PCT AXIOMTEK-GOT3157W-832-PCT Datasheet
481Kb / 2P
IP65 front bezel
logo
List of Unclassifed Man...
EA017-1U ETC2-EA017-1U Datasheet
166Kb / 7P
BEZEL FOR DOTMATRIX MODULES
IPM-057 ETC2-IPM-057 Datasheet
300Kb / 1P
6mm Aluminum front bezel with strengthen glass
logo
AAEON Technology
ACD-110D AAEON-ACD-110D Datasheet
189Kb / 2P
ip65 aliminum front bezel
logo
Axiomtek Co., Ltd.
GOT3187W-834-PCT AXIOMTEK-GOT3187W-834-PCT_16 Datasheet
508Kb / 2P
IP65 aluminum front bezel
logo
AAEON Technology
AHP-1125HTT-A1-1010 AAEON-AHP-1125HTT-A1-1010 Datasheet
256Kb / 2P
IP65 Plastic Front Bezel
OMNI-3195HTT-BT-A1-1010 AAEON-OMNI-3195HTT-BT-A1-1010 Datasheet
200Kb / 2P
IP65 Compliant Front Bezel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com