Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD43DRG Datasheet(PDF) 2 Page - LightGraphix

Part # LD43DRG
Description  GLASS BEZEL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD43DRG Datasheet(HTML) 2 Page - LightGraphix

  LD43DRG Datasheet HTML 1Page - LightGraphix LD43DRG Datasheet HTML 2Page - LightGraphix LD43DRG Datasheet HTML 3Page - LightGraphix LD43DRG Datasheet HTML 4Page - LightGraphix LD43DRG Datasheet HTML 5Page - LightGraphix LD43DRG Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data sheet issued: 27 April 2026 | Issue 7
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
LD43DRG
Engine
C1
Beam angles
12°
LED manufacturer
NICHIA
Colour temperature
2200K / 2700K / 3000K / 4000K / 5000K
Current
350mA [1.2W]
500mA [1.7W]
700mA [2.4W]
Typical LED Circuit wattage
1.1W
1.6W
2.3W
Delivered lumens (L100)*
63
82
137
Lumens per circuit watt
53
48
57
Forward voltage (V100)
3V
3.2V
3.4V
CRI (Typ)
93
Colour consistency
2 SCDM
Peak intensity
9788 cd
LED Lumens
206
LOR
0.67
TM30
RF93
RG99
UGR***
14.9
LED lifetime
L90B5 at 90,000hrs
Applications
This data is based on LD43DR-C1-700-LW30-NB
*Lumen output data applies to all colour temperatures
**I
ndicates the nominal power for the LED run at that particular current and includes losses associated with using an 85% efficient driver
*** UGR values based on room parameters of 4H 8H, C70 W50 F20
WHITE LED ENGINE SPECIFICATION
ENVIRONMENTAL
TM65
Available on request
TM66
2.7
Repair + Refurbish
This product is included in our Repair and Refurbish scheme. This offers customers the ability to send back products
to us for repair or refurbishment to extend their life without having to buy new fittings.
RLE
(REPLACEABLE LIGHT ENGINE)
Visit page 5 for replacement parts
1
350mA
500mA
700mA
Ambient temperature
55°C
-20°C to 55°C
-20°C to 50°C
-20°C to 35°C
Glass
3mm thick borosilicate glass with ceramic screen print
Materials
Black anodised aluminium body with black anodised bezel and glass front
Weight of product
0.015kg
IP rating
IP66
Wiring
In-series constant current wiring (pre-wired with 2 core cable at a length of 250mm)
MECHANICAL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com