Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG924-2TP-RSP Datasheet (PDF) - Infinite Electronics International, Inc.

HG924-2TP-RSP Datasheet PDF - Infinite Electronics International, Inc.
Part # HG924-2TP-RSP
Download  HG924-2TP-RSP Download
File Size   148.96 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 824-960/1710-2200/2400 MHz Tri-Band 2dBi Patch Omni-directional Multi-Band UMTS Antenna

HG924-2TP-RSP Datasheet (PDF)

Go To PDF Page Download Datasheet
HG924-2TP-RSP Datasheet PDF - Infinite Electronics International, Inc.

Part # HG924-2TP-RSP
Download  HG924-2TP-RSP Click to download

File Size   148.96 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 824-960/1710-2200/2400 MHz Tri-Band 2dBi Patch Omni-directional Multi-Band UMTS Antenna

HG924-2TP-RSP Datasheet (HTML) - Infinite Electronics International, Inc.


HG924-2TP-RSP Product details

Applications:  PCS cellular radio applications
 UMTS, GSM, G3, ISM, WLAN, RFID applications
 Mobile applications
 Low profile mounting –stick on Foam Tape
 Remote antenna location for better reception

Features:  Superior performance
 Compact size
 Can be used with 900/1800/1900/2400 MHz systems
 Mounting foam tape backing system with attached 3-Meter
cable
 Indoor or outdoor use
 RoHS Compliant




Similar Part No. - HG924-2TP-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG9010DPU L-COM-HG9010DPU Datasheet
682Kb / 3P
800/900 MHz 10 dBi Dual Slant Polarization Omni antenna N-female
01/21/2019
HG9012DP-120 L-COM-HG9012DP-120 Datasheet
85Kb / 1P
ANTPANEL 900MHz 12.5dBi 120DEG DUAL SLANT POLARIZED N-FEMALE CON
01/22/2019
HG902PU-UFL L-COM-HG902PU-UFL Datasheet
348Kb / 2P
HyperLink Wireless Embedded 900 MHz Omni-Directional PCB Antenna
HG903RD-RSP L-COM-HG903RD-RSP Datasheet
128Kb / 2P
HyperLink Wireless 900 MHz 3 dBi RP-SMA Plug High Performance "Rubber Duck" Wireless LAN Antenna
HG903RD-SM L-COM-HG903RD-SM Datasheet
126Kb / 2P
HyperLink Wireless 900 MHz 3 dBi SMA-Male High Performance "Rubber Duck"
More results


Similar Description - HG924-2TP-RSP

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30087-R1A WPI-WPANT30087-R1A Datasheet
71Kb / 2P
900 MHz ISM band Omni-directional Antenna
WPANT30104-S1B WPI-WPANT30104-S1B Datasheet
103Kb / 3P
900 MHz ISM band Omni-Directional Antenna
WPANT30115 WPI-WPANT30115 Datasheet
115Kb / 3P
900 MHz ISM band Omni-directional Antenna
logo
TE Connectivity Ltd
1513259-1 TEC-1513259-1 Datasheet
1Mb / 2P
824 ??960 & 1710 ??1990 MHz Quad Band Antenna (US Dual and EU Dual Band)
1513273-1 TEC-1513273-1 Datasheet
1Mb / 2P
824 ??960 & 1710 ??1990 MHz Quad Band Antenna (US Dual and EU Dual Band)
2108788-1 TEC-2108788-1 Datasheet
818Kb / 6P
824-960 & 1710-1990MHz Quad Band Antenna (US Dual and EU Dual Band)
2367286-1 TEC-2367286-1 Datasheet
774Kb / 6P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2372105-1 TEC-2372105-1 Datasheet
526Kb / 5P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2195632-1 TEC-2195632-1 Datasheet
2Mb / 2P
880-960 & 1710-2300 MHz DUAL BAND ANTENNA
2361492-1 TEC-2361492-1 Datasheet
760Kb / 6P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com