Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG924-2TP-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG924-2TP-RSP
Description  824-960/1710-2200/2400 MHz Tri-Band 2dBi Patch Omni-directional Multi-Band UMTS Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG924-2TP-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG924-2TP-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG924-2TP-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
824-960/1710-2200/2400 MHz Tri-Band 2dBi Patch
Omni-directional Multi-Band UMTS Antenna
Applications and Features
Applications:
PCS cellular radio applications
UMTS, GSM, G3, ISM, WLAN, RFID applications
Mobile applications
Low profile mounting –stick on Foam Tape
Remote antenna location for better reception
Features:
Superior performance
Compact size
Can be used with 900/1800/1900/2400 MHz systems
Mounting foam tape backing system with attached 3-Meter
cable
Indoor or outdoor use
RoHS Compliant
HG924-2TP-RSP
Description
This compact UMTS/WLAN Tri-Band 2dBi Omni-directional antenna provides broad coverage and is designed to operate in
824-960MHz, 1710-2200MHz and 2400MHz bands. This Tri-Band design eliminates the need to purchase different antennas for
each frequency. In the 824MHz-960MHz band it is ideally suited for GSM, ISM, WLAN, RFID applications In the
1710MHz-2200MHz bands it can be used with UMTS10=900/2100MHz applications and Personal Communication Services (PCS)
cellular radio wireless applications. The 2400MH+Hz band is available for WLAN applications.
The compact size of this antenna is ideal where Omni-directional coverage and low visibility are desired. Mobile applications,
including service vehicles, public transportation, law enforcement, mining and construction vehicles, as well a numerous other
commercial and industrial applications where mobility is required, can be serviced with this antenna. The foam double sided tape
provides a secure and reliable mounting mechanism allowing deployment in many places. The 3-meter RG174 cable provides the
use r with flexible options where to place the antenna.
Specifications
Antenna Electrical Specifications
Frequency Ranges
824 - 960 MHz
1710 - 2200 MHz
2400 MHz
Gain
2 dBi
Maximum Input Power
10 W
VSWR
≤ 2.0
Impedance
50 Ohms
Coax Cable
Up to 3.0 Meters RG174 Cable
Connector
RP-SMA Plug (others optional)


Similar Part No. - HG924-2TP-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG9010DPU L-COM-HG9010DPU Datasheet
682Kb / 3P
800/900 MHz 10 dBi Dual Slant Polarization Omni antenna N-female
01/21/2019
HG9012DP-120 L-COM-HG9012DP-120 Datasheet
85Kb / 1P
ANTPANEL 900MHz 12.5dBi 120DEG DUAL SLANT POLARIZED N-FEMALE CON
01/22/2019
HG902PU-UFL L-COM-HG902PU-UFL Datasheet
348Kb / 2P
HyperLink Wireless Embedded 900 MHz Omni-Directional PCB Antenna
HG903RD-RSP L-COM-HG903RD-RSP Datasheet
128Kb / 2P
HyperLink Wireless 900 MHz 3 dBi RP-SMA Plug High Performance "Rubber Duck" Wireless LAN Antenna
HG903RD-SM L-COM-HG903RD-SM Datasheet
126Kb / 2P
HyperLink Wireless 900 MHz 3 dBi SMA-Male High Performance "Rubber Duck"
More results

Similar Description - HG924-2TP-RSP

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30087-R1A WPI-WPANT30087-R1A Datasheet
71Kb / 2P
900 MHz ISM band Omni-directional Antenna
WPANT30104-S1B WPI-WPANT30104-S1B Datasheet
103Kb / 3P
900 MHz ISM band Omni-Directional Antenna
WPANT30115 WPI-WPANT30115 Datasheet
115Kb / 3P
900 MHz ISM band Omni-directional Antenna
logo
TE Connectivity Ltd
1513259-1 TEC-1513259-1 Datasheet
1Mb / 2P
824 ??960 & 1710 ??1990 MHz Quad Band Antenna (US Dual and EU Dual Band)
1513273-1 TEC-1513273-1 Datasheet
1Mb / 2P
824 ??960 & 1710 ??1990 MHz Quad Band Antenna (US Dual and EU Dual Band)
2108788-1 TEC-2108788-1 Datasheet
818Kb / 6P
824-960 & 1710-1990MHz Quad Band Antenna (US Dual and EU Dual Band)
2367286-1 TEC-2367286-1 Datasheet
774Kb / 6P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2372105-1 TEC-2372105-1 Datasheet
526Kb / 5P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2195632-1 TEC-2195632-1 Datasheet
2Mb / 2P
880-960 & 1710-2300 MHz DUAL BAND ANTENNA
2361492-1 TEC-2361492-1 Datasheet
760Kb / 6P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com