Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANLP1016 Datasheet (PDF) - Infinite Electronics International, Inc.

LCANLP1016 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCANLP1016
Download  LCANLP1016 Download
File Size   417.25 Kbytes
Page   4 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 806 - 960 MHz / 1710 - 2700 MHz, 9 / 10 dBi, Log Periodic Antenna, Low PIM, V-pol, Type N Female connector

LCANLP1016 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCANLP1016 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCANLP1016
Download  LCANLP1016 Click to download

File Size   417.25 Kbytes
Page   4 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 806 - 960 MHz / 1710 - 2700 MHz, 9 / 10 dBi, Log Periodic Antenna, Low PIM, V-pol, Type N Female connector

LCANLP1016 Datasheet (HTML) - Infinite Electronics International, Inc.


LCANLP1016 Product details

Features
• Frequency coverage for 806 MHz to 2700 MHz
• Very High Gain 10 dBi Low PIM Directional Antenna
• Each connector covers wide band of frequencies
• Easy Install universal mounting bracket provided
• Weatherproof ABS – UV Resistance PVC radome
• Pigtail - 8 inches
• N-Type Female connector

Applications
• Point-to-point, LPWAN, LoRA, LTE-M, NB-IoT, IoT, M2M applications
• 5G / 4G LTE B1 to B10, B12 to B20, B23, B24, B25, B28 / 3G /
GSM / AWS / WLAN operation supported
• 5G Bands supported
• DAS (Distributed Antenna Systems)
• IEEE 802.11a / b /g / n / ac / ad / ah/ ax Wi-Fi applications
• Public safety, utilities, CCTV and local radio coverage
• Smart cities expansion for coverage and IOT / IIOT




Similar Part No. - LCANLP1016

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCANLP1010 L-COM-LCANLP1010 Datasheet
454Kb / 4P
3400 MHz - 3600 MHz, 14 dBi, Log Periodic Antenna, High Gain, V-pol, Type N Female connector
03/21/2022
LCANLP1011 L-COM-LCANLP1011 Datasheet
454Kb / 4P
5725 MHz - 5850 MHz, 16 dBi, Log Periodic Antenna, High Gain, V-pol, Type N Female connector
03/21/2022
LCANLP1012 L-COM-LCANLP1012 Datasheet
417Kb / 4P
698 - 960 MHz / 1710 - 2700 MHz / 3300 - 4200 MHz, 10 / 11 dBi, Log Periodic Antenna, Low PIM, V-pol, Type N Female connector
03/31/2022
LCANLP1013 L-COM-LCANLP1013 Datasheet
418Kb / 4P
698 - 960 MHz / 1710 - 2700 MHz / 3300 - 4200 MHz, 10 / 11 dBi, Log Periodic Antenna, V-pol, Type N Female connector
03/31/2022
LCANLP1014 L-COM-LCANLP1014 Datasheet
418Kb / 4P
698 - 960 MHz / 1710 - 2700 MHz / 3300 - 6000 MHz, 10 / 11 dBi, Log Periodic Antenna, Low PIM, V-pol, Type N Female connector
03/31/2022
More results


Similar Description - LCANLP1016

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51098 PASTERNACK-PE51098 Datasheet
289Kb / 1P
ICM Dome Antenna 800-960/1710-2500 MHz, 3 dBi
PE51089 PASTERNACK-PE51089 Datasheet
299Kb / 1P
Mag Mount Antenna 890-960 & 1710-1880 MHz 3.0 dBi
logo
TE Connectivity Ltd
2367286-1 TEC-2367286-1 Datasheet
774Kb / 6P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2372105-1 TEC-2372105-1 Datasheet
526Kb / 5P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2372112-1 TEC-2372112-1 Datasheet
535Kb / 5P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2361492-1 TEC-2361492-1 Datasheet
760Kb / 6P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
logo
Pasternack Enterprises,...
PE51OM1032 PASTERNACK-PE51OM1032 Datasheet
551Kb / 4P
698-960 MHz / 1710-2700 MHz / 3400-4200 MHz Low PIM Rated Indoor/Outdoor V-pol Omni Antenna, 3-4 dBi, 4.3-10 Female Connector
REV 1.0
PE51OM1033 PASTERNACK-PE51OM1033 Datasheet
352Kb / 3P
6 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1035 PASTERNACK-PE51OM1035 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1036 PASTERNACK-PE51OM1036 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com