Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG3514DP Datasheet (PDF) - Infinite Electronics International, Inc.

HG3514DP Datasheet PDF - Infinite Electronics International, Inc.
Part # HG3514DP
Download  HG3514DP Download
File Size   265.48 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 3300 MHz to 4200 MHz VH Dual Polarization Flat Panel, 14 dBi gain, Ruggedized, 2 X N Female Connectors

HG3514DP Datasheet (PDF)

Go To PDF Page Download Datasheet
HG3514DP Datasheet PDF - Infinite Electronics International, Inc.

Part # HG3514DP
Download  HG3514DP Click to download

File Size   265.48 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 3300 MHz to 4200 MHz VH Dual Polarization Flat Panel, 14 dBi gain, Ruggedized, 2 X N Female Connectors

HG3514DP Datasheet (HTML) - Infinite Electronics International, Inc.


HG3514DP Product details

Features
• Dual Polarity feed system in single enclosure
• Includes tilt and swivel mast mounting
• Two integral N-Female connectors
• UV-resistant radome for all-weather operation
• MIMO - Multiple-Input and Multiple-Output
Applications
• 3.5 GHz Band Applications
• SOFDMA
• CBRS and Extended CBRS
• Wireless Internet Provider “cell” sites
• Wireless LAN systems & IEEE 802.16e Applications
Description
The L-com HG3514DP is a high performance flat panel antenna engineered for superior performance and specifically designed for
rugged environments with a low profile aesthetically pleasing design. L-com’s HG3514DP has 14 dBi gain. Measuring 7.5” x 7.5” this
antenna is extremely compact and toughened to stand up to all environments. The HG3514DP operates from 3500 to 4200 MHz which
is ideal for Point to Point applications where form factor is a concern and coverage of extended CBRS is necessary.
The HG3514DP from L-com has 45° Horizontal Beamwidth and 40° Vertical Beamwidth patterns with Vertical + Horizontal polarization
and features 2 x Type N Female connectors. The 3500-4200 MHz HG3514DP can be used with APs and Routers with 1 or 2 antenna
ports. This antenna incorporates advanced dual polarization technology that allows for the interoperability of two radios transmit and
receive paths. This technology allows for the attenuation of unwanted signals from adjacent channels and/or co-located equipment.
The 2 x Type N Female connectorized HG3514DP antenna from L-com has mounting bracket and hardware included which makes
this antenna very easy to install. This high performance flat panel antenna just like our wide selection of superior quality RF parts, ship
same day. Contact our knowledgeable and friendly technical support and sales staff for your answers on antennas or other L-com
products.




Similar Part No. - HG3514DP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG3510DP L-COM-HG3510DP Datasheet
567Kb / 6P
3.5-3.8GHz, 60 Degree Flat Panel Antenna, 10 dBi, 2-Port, ±45 Slant Polarization
04/29/2020
HG3510U-PRO L-COM-HG3510U-PRO Datasheet
255Kb / 3P
3300-3800 MHz 10 dBi Gain Omnidirectional PRO Series Antenna - Type N Female Connector, Fiberglass Radome
05/25/2021
HG3512UP-NF L-COM-HG3512UP-NF Datasheet
265Kb / 2P
HyperGain 3.5GHz 11dBi WiMAX Omnidirectional Antenna
HG3513DP4-NF L-COM-HG3513DP4-NF Datasheet
472Kb / 3P
3300-3800 MHz 13 dBi Gain Omnidirectional Dual Pol MIMO Antenna - 4 x Type N Female Connector, PVC Radome
05/04/2021
HG3513DPU-45 L-COM-HG3513DPU-45 Datasheet
323Kb / 3P
3300-3800 MHz 13 dBi Gain Omnidirectional Dual Pol MIMO Antenna - Type N Female Connector, PVC Radome
05/04/2021
More results


Similar Description - HG3514DP

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZFBT-4R2G-FT MINI-ZFBT-4R2G-FT Datasheet
128Kb / 1P
Wideband 10 to 4200 MHz
logo
Integrated Device Techn...
DAC1403D160 IDT-DAC1403D160 Datasheet
439Kb / 18P
Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
logo
Pasternack Enterprises,...
PE51023 PASTERNACK-PE51023 Datasheet
143Kb / 1P
902-928 MHz DIRECTIONAL PANEL OUTDOOR ANTENNA, 9 dBI, VERTICAL POLARIZATION
PE51041 PASTERNACK-PE51041 Datasheet
71Kb / 1P
Panel Antenna 2400-2483 MHz,14 dBi
PE51042 PASTERNACK-PE51042 Datasheet
71Kb / 1P
Panel Antenna 915 MHz,10.5 dBi
PE51043 PASTERNACK-PE51043 Datasheet
72Kb / 1P
WIFI Panel Antenna 2600 MHz, 14 dBi
PE51072 PASTERNACK-PE51072 Datasheet
66Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51084 PASTERNACK-PE51084 Datasheet
304Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51110 PASTERNACK-PE51110 Datasheet
73Kb / 1P
Magnet Mount Antenna 3300-3800 MHz, 5 dBi
logo
Renesas Technology Corp
DAC1403D160 RENESAS-DAC1403D160 Datasheet
442Kb / 18P
Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com