Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG3505RD-RSP Datasheet (PDF) - Infinite Electronics International, Inc.

HG3505RD-RSP Datasheet PDF - Infinite Electronics International, Inc.
Part # HG3505RD-RSP
Download  HG3505RD-RSP Download
File Size   225.42 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 3.5 MHz 5 dBi RP-SMA Plug High Performance "Rubber Duck" Antenna

HG3505RD-RSP Datasheet (PDF)

Go To PDF Page Download Datasheet
HG3505RD-RSP Datasheet PDF - Infinite Electronics International, Inc.

Part # HG3505RD-RSP
Download  HG3505RD-RSP Click to download

File Size   225.42 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 3.5 MHz 5 dBi RP-SMA Plug High Performance "Rubber Duck" Antenna

HG3505RD-RSP Datasheet (HTML) - Infinite Electronics International, Inc.


HG3505RD-RSP Product details

Applications:  3.5 GHz Band Applications
 Wireless LAN systems
 IEEE 802.16e Applications
 WiMAX
 Mobile WiMAX
 SOFDMA
 Multipoint and Mobile Applications

Features:  Flexible "Rubber Duck" antenna
 Tilt and swivel design
 Reverse Polarity SMA-Plug (RP-SMA) Connector
 RoHS Compliant




Similar Part No. - HG3505RD-RSP

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HG3504/12-G HONGFA-HG3504/12-G Datasheet
53Kb / 2P
WIPER INTERMITTENT CONTROLLER
logo
Infinite Electronics In...
HG3508DPU-45 L-COM-HG3508DPU-45 Datasheet
326Kb / 3P
3300-3800 MHz 8 dBi Gain Omnidirectional Dual Pol MIMO Antenna - Type N Female Connector, PVC Radome
REV 1
HG3509U-PRO L-COM-HG3509U-PRO Datasheet
208Kb / 2P
HyperLink Wireless 3.5 GHz 9 dBi Professional Omnidirectional Antenna for 802.16e, WiMAX and Wireless LAN Systems
logo
List of Unclassifed Man...
HG350ESD ETC2-HG350ESD Datasheet
463Kb / 2P
Precision Hot Air Tool
More results


Similar Description - HG3505RD-RSP

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51056 PASTERNACK-PE51056 Datasheet
64Kb / 1P
Rubber Duck Antenna 900-960 MHz, 1 dBi
PE51060 PASTERNACK-PE51060 Datasheet
63Kb / 1P
Rubber Duck/Whip Antenna 477 MHz, 5.5 dBi
PE51070 PASTERNACK-PE51070 Datasheet
77Kb / 1P
Rubber Duck Antenna 5725-5850 MHz, 5dBi
PE51072 PASTERNACK-PE51072 Datasheet
66Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51076 PASTERNACK-PE51076 Datasheet
266Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 3dBi
PE51077 PASTERNACK-PE51077 Datasheet
58Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 2dBi
PE51084 PASTERNACK-PE51084 Datasheet
304Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51086 PASTERNACK-PE51086 Datasheet
59Kb / 1P
Rubber Duck Antenna 2300-2700 MHz, 4.5dBi
logo
List of Unclassifed Man...
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com