Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG3505RD-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG3505RD-RSP
Description  HyperLink Wireless 3.5 MHz 5 dBi RP-SMA Plug High Performance "Rubber Duck" Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG3505RD-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG3505RD-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG3505RD-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
HyperLink Wireless 3.5 MHz 5 dBi RP-SMA Plug High
Performance "Rubber Duck" Antenna
Applications and Features
Applications:
3.5 GHz Band Applications
Wireless LAN systems
IEEE 802.16e Applications
WiMAX
Mobile WiMAX
SOFDMA
Multipoint and Mobile Applications
Features:
Flexible "Rubber Duck" antenna
Tilt and swivel design
Reverse Polarity SMA-Plug (RP-SMA) Connector
RoHS Compliant
Model: HG3505RD-RSP
Description
This high performance 3.5 GHz omnidirectional "rubber-duck" antenna provides broad coverage and 5 dBi gain. It is a coaxial
sleeve design with an omni-directional pattern. Typical applications include IEEE 802.16e, WiMAX and Mobile WiMAX
applications.
Measuring 8.2" long, this flexible antenna features a tilt-and-swivel Reverse Polarity SMA-Plug (RP-SMA) connector, allowing
them to be used vertically, at a right angle, or any angle in-between. It is suitable as a replacement RF antenna for 3.5GHz
radios that are equipped with RP-SMA connectors.
Specifications
Electrical Specifications
Frequency
3400-3600 MHz
Gain
5 dBi
Horizontal Beam Width
360°
Impedance
50 Ohm
Max. Power
1W
VSWR
≤ 2.0


Similar Part No. - HG3505RD-RSP

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HG3504/12-G HONGFA-HG3504/12-G Datasheet
53Kb / 2P
WIPER INTERMITTENT CONTROLLER
logo
Infinite Electronics In...
HG3508DPU-45 L-COM-HG3508DPU-45 Datasheet
326Kb / 3P
3300-3800 MHz 8 dBi Gain Omnidirectional Dual Pol MIMO Antenna - Type N Female Connector, PVC Radome
REV 1
HG3509U-PRO L-COM-HG3509U-PRO Datasheet
208Kb / 2P
HyperLink Wireless 3.5 GHz 9 dBi Professional Omnidirectional Antenna for 802.16e, WiMAX and Wireless LAN Systems
logo
List of Unclassifed Man...
HG350ESD ETC2-HG350ESD Datasheet
463Kb / 2P
Precision Hot Air Tool
More results

Similar Description - HG3505RD-RSP

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51056 PASTERNACK-PE51056 Datasheet
64Kb / 1P
Rubber Duck Antenna 900-960 MHz, 1 dBi
PE51060 PASTERNACK-PE51060 Datasheet
63Kb / 1P
Rubber Duck/Whip Antenna 477 MHz, 5.5 dBi
PE51070 PASTERNACK-PE51070 Datasheet
77Kb / 1P
Rubber Duck Antenna 5725-5850 MHz, 5dBi
PE51072 PASTERNACK-PE51072 Datasheet
66Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51076 PASTERNACK-PE51076 Datasheet
266Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 3dBi
PE51077 PASTERNACK-PE51077 Datasheet
58Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 2dBi
PE51084 PASTERNACK-PE51084 Datasheet
304Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51086 PASTERNACK-PE51086 Datasheet
59Kb / 1P
Rubber Duck Antenna 2300-2700 MHz, 4.5dBi
logo
List of Unclassifed Man...
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com